Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986HTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6986HTR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986HTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6986HTR Datasheet HTML 19Page - STMicroelectronics L6986HTR Datasheet HTML 20Page - STMicroelectronics L6986HTR Datasheet HTML 21Page - STMicroelectronics L6986HTR Datasheet HTML 22Page - STMicroelectronics L6986HTR Datasheet HTML 23Page - STMicroelectronics L6986HTR Datasheet HTML 24Page - STMicroelectronics L6986HTR Datasheet HTML 25Page - STMicroelectronics L6986HTR Datasheet HTML 26Page - STMicroelectronics L6986HTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
Figure 18. Light-load efficiency comparison at different ISKIP - linear scale
50
55
60
65
70
75
80
85
90
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
ILOAD [A]
VIN=13.5 V; VOUT=3.3V; fsw=500kH z
LNM - SWO
LCM_ISKIPH - SWO
LCM_ISKIPL - SWO
LCM ISKIPH=600mA
LCM ISKIPL=200mA
LNM
Figure 19. Light-load efficiency comparison at different ISKIP - log scale
0
10
20
30
40
50
60
70
80
90
100
1
.
0
1
0
.
0
1
0
0
.
0
ILOAD [A]
VIN=13.5V; VOUT=3.3 V; fsw=5 00kH z
LNM - SWO
LCM_ISKIPH - SWO
LCM_ISKIPL - SWO
LCM ISKIPH=600mA
LCM ISKIPL=200mA
LNM
Figure 20. LCM operation with ISKIPH = 600 mA typ. at zero load and Figure 21. LCM operation with ISKIPL =
200 mA typ. at zero load show the LCM operation at the different ISKIP level.
Figure 20. LCM operation with ISKIPH = 600 mA typ. at zero load shows the ISKIPH = 600 mA typ. and so 50 mV
output voltage ripple.
Figure 21. LCM operation with ISKIPL = 200 mA typ. at zero load shows the ISKIPL = 200 mA typ. and so less
than 20 mV output voltage ripple.
L6986H
Light-load operation
DS12905 - Rev 2
page 23/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com