Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6986HTR Datasheet(PDF) 36 Page - STMicroelectronics

Part # L6986HTR
Description  38 V, 2 A synchronous step-down switching regulator with 30 μA quiescent current
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6986HTR Datasheet(HTML) 36 Page - STMicroelectronics

Back Button L6986HTR Datasheet HTML 32Page - STMicroelectronics L6986HTR Datasheet HTML 33Page - STMicroelectronics L6986HTR Datasheet HTML 34Page - STMicroelectronics L6986HTR Datasheet HTML 35Page - STMicroelectronics L6986HTR Datasheet HTML 36Page - STMicroelectronics L6986HTR Datasheet HTML 37Page - STMicroelectronics L6986HTR Datasheet HTML 38Page - STMicroelectronics L6986HTR Datasheet HTML 39Page - STMicroelectronics L6986HTR Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 68 page
background image
The sampling effect contribution FH(s) is: FH(s)= 1
1+ s
ωn⋅Qp+S2ωn2
(22)
where:
ωn=π⋅fSW
Qp= 1
π⋅[mc⋅(1−D)−0.5]
(23)
5.2
Error amplifier compensation network
The typical compensation network required to stabilize the system is shown in Figure 36. Transconductance
embedded error amplifier:
Figure 36. Transconductance embedded error amplifier
RC and CC introduce a pole and a zero in the open loop gain. CP does not significantly affect system stability but it
is useful to reduce the noise at the output of the error amplifier.
The transfer function of the error amplifier and its compensation network is:
A0(s)=
AV0⋅(1+s⋅RC⋅Cc)
s2⋅R0⋅(C0+Cp)⋅RC⋅Cc+s⋅(R0⋅Cc+R0⋅(C0+Cp)+Rc⋅Cc)+1
(24)
Where Avo = Gm · Ro
The poles of this transfer function are (if Cc >> C0 + CP):
fPLF= 1
2⋅π⋅R0⋅Cc
(25)
fPHF= 1
2⋅π⋅R0⋅(C0+Cp)
(26)
L6986H
Error amplifier compensation network
DS12905 - Rev 2
page 36/68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com