Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3 Datasheet(PDF) 101 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 95Page - STMicroelectronics STM8S003F3 Datasheet HTML 96Page - STMicroelectronics STM8S003F3 Datasheet HTML 97Page - STMicroelectronics STM8S003F3 Datasheet HTML 98Page - STMicroelectronics STM8S003F3 Datasheet HTML 99Page - STMicroelectronics STM8S003F3 Datasheet HTML 100Page - STMicroelectronics STM8S003F3 Datasheet HTML 101Page - STMicroelectronics STM8S003F3 Datasheet HTML 102Page - STMicroelectronics STM8S003F3 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
DS7147 Rev 10
101/103
STM8S003F3 STM8S003K3
Revision history
102
13
Revision history
Table 56. Document revision history
Date
Revision
Changes
12-Jul-2011
1
Initial release.
09-Jan-2012
2
Added NRW and tRET for data EEPROM in Table:
Flash program memory and data EEPROM.
Updated RPU in Table: NRST pin characteristics
and Table: I/O static characteristics.
Updated notes related to VCAP in Table: General
operating conditions.
12-Jun-2012
3
Updated temperature condition for factory calibrated
ACCHSI in Table: HSI oscillator characteristics.
Changed SCK input to SCK output in Figure: SPI timing
diagram - master mode.
Modified Figure: 20-lead, ultra thin, fine pitch quad flat
no-lead package outline (3 x 3) to add the package top
view.
18-Dec-2014
4
Updated the package information for the 20-pin TSSOP
and the 20-pin UFQFPN.
21-Apr-2015
5
Added package marking examples in Section: Package
information:
– Figure: LQFP32 marking example (package top view),
– Figure: TSSOP20 marking example (package top
view),
– Figure: UFQFPN20 marking example (package top
view).
26-Jun-2015
6
Addition of the footnotes about D and E1 dimensions to
Table 53: TSSOP20 – 20-lead thin shrink small outline,
6.5 x 4.4 mm, 0.65 mm pitch, package mechanical data.
Update of the standard for EMI characteristics in
Section : Electromagnetic interference (EMI).
23-Sep-2015
7
Correction of UART peripheral in Figure 1:
STM8S003F3/K3 value line block diagram.
20-Apr-2016
8
Corrected text strings in Figure 10: External capacitor
CEXT and Figure 37: Recommended reset pin protection
PB4 line PP column value corrected in Table 5:
STM8S003K3 descriptions
PD1 line “floating” and “wpu” column values corrected in
Table 6: STM8S003F3 pin description
SPI_RXCRCR and SPI_TXCRCR reset values
corrected in Table 9: General hardware register map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com