Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S003F3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # STM8S003F3
Description  Value line, 16-MHz STM8S 8-bit MCU, 8-Kbyte Flash memory, 128-byte data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003F3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button STM8S003F3 Datasheet HTML 95Page - STMicroelectronics STM8S003F3 Datasheet HTML 96Page - STMicroelectronics STM8S003F3 Datasheet HTML 97Page - STMicroelectronics STM8S003F3 Datasheet HTML 98Page - STMicroelectronics STM8S003F3 Datasheet HTML 99Page - STMicroelectronics STM8S003F3 Datasheet HTML 100Page - STMicroelectronics STM8S003F3 Datasheet HTML 101Page - STMicroelectronics STM8S003F3 Datasheet HTML 102Page - STMicroelectronics STM8S003F3 Datasheet HTML 103Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 102 / 103 page
background image
Revision history
STM8S003F3 STM8S003K3
102/103
DS7147 Rev 10
03-May-2017
9
Updated:
– All table footnotes from “Guaranteed by design, not
tested in production” to “Guaranteed by design” and
“Data based on characterization results, not tested in
production” to “Data based on characterization
results”
– Section 9.2: Absolute maximum ratings
– Section : Device marking for LQFP32 on page 90
– Section : Device marking for TSSOP20 on page 92
– Section : Device marking for UFQFPN20 on page 95
– Table 54: UFQFPN20 - 20-lead, 3 x3 mm, 0.5 mm
pitch, ultra thin fine pitch quad flat package
mechanical data
– Figure 50: UFQFPN20 - 20-lead, 3 x 3 mm, 0.5 mm
pitch, ultra thin fine pitch quad flat package outline
– Figure 17: HSE external clock source was centered
into the frame.
30-Aug-2018
10
Updated:
– Table 34: HSI oscillator characteristics
Table 56. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com