Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD2132-1EP Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 33Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 34Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 35Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 36Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 37Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 38Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 39Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 40Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 41Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Datasheet
37
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Load diagnosis
SLS saturation voltage
threshold
VSLS_REF(CL) 3.5
–
6
V
VS > 8 V
VEN = 5.5 V
VPWMI = 0 V
SLS_REF open
P_7.5.14
DS pin
High threshold voltage (to
trigger from pull up to pull-
down current)
VDS(H)
2.3
2.5
2.7
V
VS > 8 V
VSLS_REF = 1.5 V
VOUT = VOUT = 7 V
VOUT = 5 V
P_7.5.15
Low threshold voltage for
retry activation
VDS(L)
0.2
0.3
0.4
V
VS > 8 V
VSLS_REF = 1.5 V
VOUT = VOUT = 7 V
VOUT = 5 V
P_7.5.16
Pull-up current
IDS(PU)
25
35
50
µA
VS > 8 V
VSLS_REF = 1.5 V
VOUT = VOUT = 7 V
VOUT = 5 V
P_7.5.17
Pull-down current
IDS(PD)
300
500
750
µA
VS > 8 V
VEN = 5.5 V
VDS = 0.4 V
VERRN = 2 V
VPS = 3 V
No fault conditions
P_7.5.18
Timing
Fault to ERRN activation
delay
tfault
40
–
150
µs
1)VS > 8 V
VOUT rising from 5 V
to VS
VEN > VDEN(th,max)
P_7.5.19
Fault appearance/removal
to IN_SET
deactivation/activation
delay
tIN_SET(del)
––10
µs
1)VS > 8 V
OUT open
D rising from 0 V to
5V
VEN > VDEN(th,max)
P_7.5.20
1) Not subjected to production test: specified by design.
Table 8
Electrical Characteristics: Fault management (cont’d)
TJ = -40°C to +150°C; VS =5.5 V to 18 V; RIN_SET = 10 kΩ; all voltages with respect to GND, positive current flowing
into input and I/O pins, positive current flowing out from output pins (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com