Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD2132-1EP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 3Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 4Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 5Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 6Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 7Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 8Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 9Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 10Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
Datasheet
7
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
General product characteristics
3
General product characteristics
3.1
Absolute maximum ratings
Table 2
Absolute maximum ratings1)
TJ = -40°C to +150°C; RIN_SET = 10 kΩ; all voltages with respect to GND, positive current flowing into input and
I/O pins, positive current flowing out from output pins (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Voltage
Supply voltage
VS
-18
–
40
V
–
P_4.1.1
EN/DEN voltage
VEN/DEN
-18
–
40
V
–
P_4.1.3
EN/DEN voltage related to VS:
VEN/DEN - VS
VEN/DEN(VS
)
-40
–
18
V
–
P_4.1.4
EN/DEN voltage related to VOUT:
VEN/DEN - VOUT
VEN/DEN(V
OUT)
-18
–
40
V
–
P_4.1.5
Output voltage
VOUT
-1
–
40
V
–
P_4.1.10
Output voltage related to VS:VS-
VOUT
VOUT(VS) -18
–
40
V
–
P_4.1.11
IN_SET voltage
VIN_SET
-0.3
–
6
V
–
P_4.1.12
OUT_SET voltage
VOUT_SET -0.3
–
6
V
–
P_4.1.13
PWMI voltage
VPWMI
-0.3
–
6
V
–
P_4.1.14
ERRN voltage
VERRN
-0.3
–
40
V
–
P_4.1.18
D Voltage
VD
-0.3
–
6
V
–
P_4.1.19
DS voltage
VDS
-0.3
–
6
V
–
P_4.1.42
SLS_REF voltage
VSLS_REF -0.3
–
6
V
–
P_4.1.43
Current
Output current
IOUT
0
–
250
mA
–
P_4.1.23
PWMI current
IPWMI
-0.5
–
0.5
mA
–
P_4.1.26
IN_SET current
IIN_SET
0
–
300
µA
–
P_4.1.30
D current
ID
-0.5
–
0.5
mA
–
P_4.1.31
DS current
IDS
-0.5
–
0.5
mA
–
P_4.1.44
SLS_REF current
ISLS_REF
-0.5
–
0
mA
–
P_4.1.45
OUT_SET current
IOUT_SET 0–
0.5
mA
–
P_4.1.32
Temperature
Junction temperature
TJ
-40
–
150
°C
–
P_4.1.33
Storage temperature
Tstg
-55
–
150
°C
–
P_4.1.34
ESD susceptibility
ESD susceptibility all pins to
GND
VESD
-2
–
2
kV
HBM2)
P_4.1.36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com