Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD2132-1EP Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 9Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 10Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 11Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 12Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 13Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 14Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 15Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 16Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
Datasheet
13
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Internal supply
DEN diagnosis enable
hysteresis
VDEN(hys)
–
120
–
mV
1)RIN_SET = 6.8 kΩ
P_5.2.12
EN/DEN pull-down current
IEN/DEN(PD)
––60
µA
1)VS > 8 V
VEN/DEN = 2.8 V
P_5.2.17
EN/DEN pull-down current
IEN/DEN(PD)
–
–
110
µA
1)VS > 8 V
VEN/DEN = 5.5 V
P_5.2.14
EN/DEN pull-down current
IEN/DEN(PD)
–
–
350
µA
1)VS > 8 V
VEN/DEN = VS
P_5.2.15
Timing
Power on reset delay time
tPOR
––25
µs
1)VS rising from 0 V
to 13.5 V
VOUT = 3.6 V
RIN_SET = 6.8 kΩ
IOUT = 80% IOUT(nom)
P_5.2.13
1) Not subjected to production test: specified by design
Table 5
Electrical characteristics: Internal supply and EN pin (cont’d)
TJ = -40°C to +150°C; VS =5.5 V to 18 V; RIN_SET = 10 kΩ; all voltages with respect to GND, positive current flowing
into input and I/O pins, positive current flowing out from output pins (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com