Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD2132-1EP Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 12Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 13Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 14Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 15Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 16Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 17Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 18Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 19Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
Datasheet
16
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Power stage
5.2.3
Output control via IN_SET
The IN_SET pin can be connected via RSET to the open-drain output of a microcontroller or to an external
NMOS transistor as described in Figure 9. This signal can be used to turn off the relative output stages of the
IC.
A minimum IN_SET current of IIN_SET(ACT) is required to turn on the output stages. This feature is implemented
to prevent glowing of LEDs caused by leakage currents on the IN_SET pin, see again Figure 7 for details.
Figure 7
IOUT vs IIN_SET
Figure 8
Typical output current accuracy IOUT / IIN_SET at TJ = 25°C
IIN_SET(ACT)
IIN_SET [µA]
IOUT [mA]
k = IOUT / IIN_SET
IOUT
IIN_SET
k/k(typ)
33
66
100
200
100%
105%
95%
267
150
IIN_SET
[µA]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com