Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD2132-1EP Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLD2132-1EP Datasheet HTML 17Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 18Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 19Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 20Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 21Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 22Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 23Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 24Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
Datasheet
21
Rev. 1.10
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Power stage
Required voltage drop
during current control
VPS(CC) = VS - VOUT
VPS(CC)
1.0
–
–
V
2)VS = 8... 18 V
IOUT > 90% of
K(typ)*IIN_SET
P_6.5.36
Required voltage drop
during current control
VPS(CC) = VS - VOUT
VPS(CC)
0.65
–
–
V
2)VS = 8... 18 V
IIN_SET = 133 µA
IOUT > 90% of
K(typ)*IIN_SET
TJ = -40°C
P_6.5.37
Required voltage drop
during current control
VPS(CC) = VS - VOUT
VPS(CC)
0.75
–
–
V
2)VS = 8... 18 V
IIN_SET = 133 µA
IOUT > 90% of
K(typ)*IIN_SET
TJ = 25°C
P_6.5.38
Required voltage drop
during current control
VPS(CC) = VS - VOUT
VPS(CC)
0.85
–
–
V
2)VS = 8... 18V
IIN_SET = 133 µA
IOUT > 90% of
K(typ)*IIN_SET
TJ = 150°C
P_6.5.39
Required supply voltage for
current control
VS(CC)
5.5
–
–
V
VEN = 5.5 V
VOUT = 3 V
RIN_SET = 6.8 kΩ
IOUT > 90% of
K*IIN_SET
P_6.5.40
Required output voltage for
current control
VOUT(CC)
1.4
–
–
V
VS = 8... 18 V
IOUT > 90% of
K*IIN_SET
P_6.5.41
Current reduction
temperature threshold
TJ(CRT)
–
140
–
°C
1)
P_6.5.44
Output current during
current reduction at high
temperature
IOUT(CRT)
85% of
IOUT(typ)
––
mA
1)TJ = 150°C
P_6.5.45
1) Not subjected to production test: specified by design
2) In these test conditions, the parameter K(typ) represents the typical value of output current accuracy.
Table 6
Electrical characteristics: Power stage (cont’d)
TJ = -40°C to +150°C; VS =5.5 V to 18 V; RIN_SET = 10 kΩ; all voltages with respect to GND, positive current flowing
into input and I/O pins, positive current flowing out from output pins (unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com