Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLD2132-1EP Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLD2132-1EP
Description  LITIX??Basic
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLD2132-1EP Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLD2132-1EP Datasheet HTML 1Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 2Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 3Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 4Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 5Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 6Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 7Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 8Page - Infineon Technologies AG TLD2132-1EP Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Datasheet
Rev. 1.10
www.infineon.com
1
2019-09-26
TLD2132-1EP
LITIX™ Basic+
Features
• Single channel device with integrated and protected output stage (current
source), optimized to drive LEDs as additional low cost current source
• High output current (up to 240 mA)
• Very low current consumption in sleep mode
• Very low output leakage when channel is “off”
• Low current consumption during fault
• Output currents’ control via external low power resistor
• Additional output current demand supported by LITIX™ Companion direct drive without additional
components
• Very high precision digital dimming supported
• Intelligent fault management: up to 16 and more devices can share a common error network with only one
external resistor
• Reverse polarity protection allows reduction of external components and improves system performance
at low battery/input voltages
• Overload protection
• Wide temperature range: -40°C < TJ < 150°C
• Output current control via external low power resistor
• Green product (RoHS compliant)
Potential applications
• Cost effective “stop”/ “tail” function implementation with shared and separated LEDs per function
• Turn indicators
• Position, fog, rear lights and side markers
• Animated light functions like wiping indicators and “welcome/goodbye” functions
• Day Running Light
• Interior lighting functions like ambient lighting (including RGB color control), illumination and dash board
lighting
• LED indicators for industrial applications and instrumentation
Product validation
Qualified for Automotive Applications. Product Validation according to AEC-Q100/101.


Similar Part No. - TLD2132-1EP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD2131-3EP INFINEON-TLD2131-3EP Datasheet
1Mb / 41P
LITIX??Basic
Rev. 1.10 2019-09-26
More results

Similar Description - TLD2132-1EP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLD5097EL INFINEON-TLD5097EL_15 Datasheet
1,022Kb / 41P
Multitopology LITIX Power DC/DC Controller IC
Revision 1.0 2015-03-12
TLE4241GM INFINEON-TLE4241GM_15 Datasheet
137Kb / 15P
Adjustable Current LITIX??Linear
Rev. 1.4, 2015-10-05
TLD2331-3EP INFINEON-TLD2331-3EP Datasheet
1Mb / 40P
LITIX??Basic
Rev. 1.10 2019-09-26
TLD2252-2EP INFINEON-TLD2252-2EP Datasheet
1Mb / 40P
LITIX??Basic
Rev. 1.00 2019-09-2
TLD2142-1EP INFINEON-TLD2142-1EP Datasheet
1Mb / 42P
LITIX??Basic
Rev. 1.10 2019-09-26
TLD2141-3EP INFINEON-TLD2141-3EP Datasheet
1Mb / 42P
LITIX??Basic
Rev. 1.10 2019-09-26
TLD2131-3EP INFINEON-TLD2131-3EP Datasheet
1Mb / 41P
LITIX??Basic
Rev. 1.10 2019-09-26
TLD1114-1EP INFINEON-TLD1114-1EP Datasheet
1Mb / 35P
LITIX??Basic
Rev. 1.10 2019-09-26
TLD5191ES INFINEON-TLD5191ES Datasheet
1Mb / 43P
LITIX™ Power H-Bridge DC-DC controller
Rev.1.00 2022-02-18
TLD7002-16LITE_KIT INFINEON-TLD7002-16LITE_KIT Datasheet
1Mb / 17P
LITIX™ Pixel Rear Multi-channel LED driver Z8F80321004
Rev.1.01 2022-09-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com