Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU6XXX Datasheet(PDF) 50 Page - STMicroelectronics

Part # STM32WLE4JCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 46Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 47Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 48Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 49Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 50Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 51Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 52Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 53Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 145 page
background image
Pinouts, pin description and alternate functions
STM32WLE5/E4xx
50/145
DS13105 Rev 8
Figure 10. UFBGA73 pinout
1. The above figure shows the package top view.
MSv48145V4
A
B
C
D
E
F
G
H
J
14
39
8
7
6
5
2
PA4
PA3
PC1
PB6
PB3
VLXSMPS
VSSSMPS
PA5
PA2
PC6
PC0
VDD
PB5
PB4
VFBSMPS
VDDSMPS
PA8
PA7
PA1
PC4
VSS
PB8
PB7
PA15
PB10
PB11
PA6
PC5
PC2
PB9
PB15
PA14
PC3
PC15-
OSC32
_OUT
VREF+
VDDA
RFI_P
VSSRF
VSSRF
PB0-
VDD_TCXO
PA0
PB14
PC14-
OSC32_IN
VDDRF
1V55
PB13
PC13
VSS
VDD
OSC_OUT
PB2
PA10
PA13
VBAT
VSS
PA11
PA12
PA9
PB12
PB1
VDDRF
VDD
NRST
VSS
PH3-
BOOT0
VDD
RFI_N
VSSRF
RFO_LP
VDDPA
VSSRF
RFO_HP
VR_PA
OSC_IN
Table 18. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during and
after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
O
Output only pin
I/O structure
FT
5 V tolerant I/O
RF
Radio RF pin
TT
3 V tolerant I/O
Option for FT I/Os
_f
I/O, Fm+ capable
_a
I/O, with Analog switch function supplied by VDDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com