Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU6XXX Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32WLE4JCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 59Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 60Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 61Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 62Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 63Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 64Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 65Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 66Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 145 page
background image
DS13105 Rev 8
63/145
STM32WLE5/E4xx
Electrical characteristics
133
5.1.7
Current consumption measurement
Figure 14. Current consumption measurement scheme
5.2
Absolute maximum ratings
Stresses above the absolute maximum ratings listed in the tables below, may cause
permanent damage to the device. These are stress ratings only and functional operation of
the device at these conditions is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
Device mission profile (application conditions) is compliant with JEDEC JESD47
Qualification Standard, extended mission profiles are available on demand.
MSv64326V2
VBAT
IDD
VDD
VDDA
VDDRF
VDDSMPS
IDDVBAT
VBAT
IDDA
VDD
VDDA
IDDRF
VDDRF
IDDSMPS
VDDSMPS
Table 21. Voltage characteristics(1)
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage
(including VDD, VDDA, VDDRF,
VDDSMPS, VBAT, VREF+)
–0.3
3.9
V
VIN(2)
Input voltage on FT_xx pins
VSS - 0.3
min (VDD, VDDA, VDDRF, VDDSMPS) + 3.9(3)(4)
Input voltage on TT pins
3.9
Input voltage on any other pin
3.9
|∆VDDx|
Variations between different VDDX
power pins of the same domain
-50
mV
|VSSx-VSS|
Variations between all the different
ground pins(5)
-50
VREF+ - VDDA
Allowed voltage difference for
VREF+ > VDDA
-0.4
V
1. All main power (VDD, VDDRF, VDDA, VBAT) and ground (VSS) pins must always be connected to the external power
supply, in the permitted range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com