Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU6XXX Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32WLE4JCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 80Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 81Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 82Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 83Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 84Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 85Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 86Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 87Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 145 page
background image
Table 40. Current consumption in Sleep and LPSleep modes, Flash memory ON
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-
Voltage
scaling
fHCLK
(MHz)
25 °C
55 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDD(Sleep)
Supply current
in Sleep mode
fHCLK = fMSI
All peripherals disabled
Range 2
16
0.770
0.800
0.860
0.955
1.00
1.30
1.60
mA
8
0.570
0.600
0.655
0.745
0.780
0.990
1.40
2
0.445
0.470
0.525
0.615
0.650
0.860
1.30
Range 1
48
1.70
1.70
1.80
1.90
2.10
2.30
2.70
32
1.25
1.30
1.40
1.50
1.60
1.90
2.30
16
0.845
0.875
0.945
1.05
1.10
1.40
1.80
SMPS
Range 1
48
1.35
1.40
1.45
1.50
-
-
-
32
1.15
1.15
1.20
1.25
-
-
-
16
0.895
0.915
0.950
1.00
-
-
-
IDD(LPSleep)
Supply current
in LPSleep
mode
fHCLK = fMSI
All peripherals disabled
2
0.068
0.0805
0.130
0.220
0.095
0.330
0.720
1
0.044
0.0565
0.105
0.195
0.069
0.310
0.700
0.4
0.0225
0.040
0.0885
0.180
0.052
0.290
0.680
0.1
0.018
0.032
0.081
0.170
0.045
0.280
0.670
1. Guaranteed by characterization results, unless otherwise specified.
Table 41. Current consumption in LPSleep mode, Flash memory in power-down
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
-fHCLK (MHz)
25 °C
55 °C
85 °C
105 °C
25 °C
85 °C
105 °C
IDD
(LPSleep)
Supply current in
LPSleep mode
fHCLK = fMS
All peripherals
disabled
2
58.0
74.5
125
215
86.0
330
710
µA
1
35.5
50.5
99.0
190
60.0
300
690
0.4
18.5
33.5
81.5
170
41.0
280
670
0.1
11.0
26.5
74.5
165
36.0
280
660
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com