Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU6XXX Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32WLE4JCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 68Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 69Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 70Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 71Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 72Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 73Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 74Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 75Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 145 page
background image
Electrical characteristics
STM32WLE5/E4xx
72/145
DS13105 Rev 8
BI_L
Blocking immunity, LoRa
Offset = ±1 MHz, BW = 125 kHz,
SF = 12
-87
-
dB
Offset = ±2 MHz, BW = 125 kHz,
SF = 12
-91
-
Offset = ±10 MHz, BW = 125 kHz,
SF = 12
-96
-
IIP3
Third order input intercept point
Unwanted tones are 1 MHz and
1.96 MHz above LO.
868 to 915 MHz band
-–9
-
dBm
Unwanted tones are 1 MHz and
1.96 MHz above LO.
433 MHz band
-
–15
-
IMA
Image attenuation
Without IQ calibration
-
30
-
dB
With IQ calibration
-
54
-
BW_F
DSB channel filter BW, FSK
Programmable, typical values
4.8
-
467
kHz
TS_RX
Receiver wakeup time
FS to RWX
-
41
-
µs
FERR_L
Maximum tolerated frequency
offset between transmitter and
receiver, SF7 to SF12
All bandwidths, ±25 % of BW.
The tighter limit between this line
and the three lines below applies.
-±25
-
BW
Maximum tolerated frequency
offset between transmitter and
receiver, SF10 to SF12
SF12
–50
-
50
ppm
SF11
–100
-
100
SF10
–200
-
200
Table 30. Sub-GHz radio receive mode specifications (continued)
Symbol
Description
Conditions
Min
Typ
Max
Unit
Table 31. Sub-GHz radio transmit mode specifications
Symbol
Description
Conditions
Min
Typ
Max
Unit
TXOP
Max RF output power
Highest power step setting
for low-power PA (LP PA)
-+15(1)
-
dBm
Highest power step setting
for high-power PA (HP PA)
-+22
-
TXDRP
RF output power drop
versus supply voltage
LP PA, under SMPS or LDO
VDDop range from 1.8 to 3.7 V
-0.5
-
dB
HP PA, +22 dBm, VDD = 2.7 V
-
2
-
HP PA, +22 dBm, VDD = 2.4 V
-
3
-
HP PA, +22 dBm, VDD = 1.8 V
-
6
-
TXPRNG RF output power range
Programmable in 31 steps,
typical value
TXOP-31
-
TXOP dBm
TXACC
RF output power step
accuracy
--
±2
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com