Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU6XXX Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32WLE4JCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 11Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 12Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 13Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 14Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 15Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 16Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 17Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 18Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 145 page
background image
DS13105 Rev 8
15/145
STM32WLE5/E4xx
Functional overview
48
3
Functional overview
3.1
Architecture
The devices embed a sub-GHz RF subsystem that interfaces with a generic microcontroller
subsystem using an Arm Cortex-M4 (called CPU).
An RF low-layer stack is needed and is to be run on CPU with the host application code.
The RF subsystem communication is done through an internal SPI interface.
3.2
Arm Cortex-M core
With its embedded Arm core, the STM32WLE5/E4xx devices are compatible with all
Arm tools and software.
Figure 1 shows the general block diagram of the STM32WLE5/E4xx devices.
Arm Cortex-M4
The Arm Cortex-M4 is a processor for embedded systems. It has been developed to provide
a low-cost platform that meets the needs of MCU implementation, with a reduced pin count
and low-power consumption, while delivering outstanding computational performance and
an advanced response to interrupts.
The Arm Cortex-M4 32-bit RISC processor features exceptional code-efficiency, delivering
the high-performance expected from an Arm core in the memory size usually associated
with 8- and 16-bit devices.
This processor supports a set of DSP instructions that allow efficient signal processing and
complex algorithm execution.
3.3
Adaptive real-time memory accelerator (ART Accelerator)
The ART Accelerator is a memory accelerator that is optimized for STM32 industry-standard
Arm Cortex-M4 processor. The ART Accelerator balances the inherent performance
advantage of the Arm Cortex-M4 over Flash memory technologies, that normally require the
processor to wait for the Flash memory at higher frequencies.
To release the processor near 60 DMIPS performance at 48 MHz, the ART Accelerator
implements an instruction prefetch queue and branch cache, that increases the program
execution speed from the 64-bit Flash memory. Based on CoreMark benchmark, the
performance achieved thanks to the ART Accelerator is equivalent to 0 wait state program
execution from Flash memory at a CPU frequency up to 48 MHz.
3.4
Memory protection unit (MPU)
The memory protection unit (MPU) is used to manage the CPU accesses to memory, to
prevent one task to accidentally corrupt the memory or resources used by any other active
task. This memory area is organized into up to eight protected areas that can in turn be
divided up into eight subareas. The protection area sizes are between 32 bytes and the
whole 4 Gbytes of addressable memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com