Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU6XXX Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32WLE4JCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 63Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 64Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 65Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 66Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 67Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 68Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 69Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 70Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 145 page
background image
DS13105 Rev 8
67/145
STM32WLE5/E4xx
Electrical characteristics
133
5.3.3
Sub-GHz radio characteristics
Electrical characteristics of the sub-GHz radio are given with the following conditions unless
otherwise specified:
•
VDD = 3.3 V. The current consumption is measured as described in Figure 14.
IDD includes current consumption of all supplies (VDDRF, VDDSMPS, VDD, VDDA, VBAT).
All peripherals except Sub-GHz radio are disabled and the system is in Standby mode.
•
Temperature = 25 °C
•
HSE32 = 32 MHz
•
FRF = 434/868/915 MHz
•
All RF impedances matched using reference design
•
Reference design implementing a 32 MHz crystal oscillator
•
Transmit mode output power defined in 50 Ω load
•
FSK BER (bit error rate) = 0.1 %, 2-level FSK modulation without pre-filtering,
BR = 4.8 Kbit/s, FDA = 5 kHz, BW_F = 20 kHz
•
LoRa PER (packet error rate) = 1 %, packet of 64 bytes, preamble of 8 bytes, error
correction code CR = 4/5, CRC on payload enabled, no reduced encoding, no implicit
header
•
Sensitivities given using highest LNA gain step
•
Power consumption measured with -140 dBm signal and AGC ON
•
Blocking immunity, ACR and co-channel rejection, given for a single tone interferer and
referenced to sensitivity +6 dB, blocking tests performed with unmodulated signal
•
Bandwidth expressed on DSB (double-sided band)
Table 26. Operating range of RF pads
Pad
Description
Max
Unit
RFI_P/RFI_N
RF input power
0
dBm
RFO_LP/RFO_HP/VR_PA
Voltage Standing Wave Ratio (VSWR)
10.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com