Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU6XXX Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32WLE4JCU6XXX
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6XXX Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32WLE4JCU6XXX Datasheet HTML 133Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 134Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 135Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 136Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 137Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 138Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 139Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 140Page - STMicroelectronics STM32WLE4JCU6XXX Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 145 page
background image
DS13105 Rev 8
137/145
STM32WLE5/E4xx
Package information
140
6.2
WLCSP59 package information
For more information on this package, contact the local STMicroelectronics sales office.
6.3
UFBGA73 package information
This UFBGA is a 73 balls, 5 × 5 mm, ultra thin fine pitch ball grid array package.
Figure 33. UFBGA73 - Outline
1. Drawing is not to scale.
2. - The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metalized
markings, or other feature of package body or integral heat slug.
- A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1
corner. Exact shape of each corner is optional.
Table 96. UFBGA73 - Mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A(2)
-
-
0.60
-
-
0.236
A1
-
-
0.11
-
-
0.0043
A4
A2
C
SEATING PLANE
A1
A
ddd
C
B08E_UFBGA73_ME_V1
E
E1
e
F
F
D
D1
e
B
J
H
G
F
E
D
C
1
B
23 4
567
8
9
A1 INDEX CORNER AREA
b (73 BALLS)
eee
f f f M
M
C
C
A B
BOTTOM VIEW
SIDE VIEW
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com