Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC950 Datasheet(PDF) 7 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDC950 Datasheet HTML 3Page - Texas Instruments CDC950 Datasheet HTML 4Page - Texas Instruments CDC950 Datasheet HTML 5Page - Texas Instruments CDC950 Datasheet HTML 6Page - Texas Instruments CDC950 Datasheet HTML 7Page - Texas Instruments CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments CDC950 Datasheet HTML 10Page - Texas Instruments CDC950 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
VDD = 3.135 V,
II = –18 mA
−1.2
V
IIH
High-level input
current
All inputs except
SelA, SelB
VDD = 3.465 V,
VI = VDD
5
µA
IIL
Low-level input
current
All inputs except
SelA, SelB
VDD = 3.465 V,
VI = GND
−5
µA
IOZ
High-impedance
-state output
current
All outputs including
SelA, SelB
VDD = 3.465 V
3V48/SelA, 3V48/SelB = H,
SEL100/133 = L,
VO = VDD or GND,
PWRDWN = H
±10
µA
IDD(Z)
High-impedance-state supply current‡
VDD = 3.465 V
3V48/SelA, 3V48/SelB = H,
SEL100/133 = L,
PWRDWN = H
19
25
mA
IDD(PD)
SelA, SelB = L
R(ref) = 475 Ω
VDD Supply
43
47
mA
AIDD(PD)
PWRDWN state supply current‡
R(ref) = 475 Ω
PWRDWN = L
AVDD Supply
3.4
4.2
mA
IDD(D)
Dynamic supply current‡
VDD = 3.465 V,
Rref = 475 Ω
PWRDWN = H
SSC = ON/OFF
100 MHz
173
190
mA
IDD(D)
Dynamic supply current‡
DD
Rref = 475 Ω,
IO = 6 x Iref
SSC = ON/OFF
CL = MAX
133 MHz
183
200
mA
100 MHz and SSC off
19
24
AlDD
Analog power supply current
VDD = 3.465 V
133 MHz and SSC off
26
33
mA
AlDD
Analog power supply current
VDD = 3.465 V
100 MHz and SSC on
26
33
mA
133 MHz and SSC on
35
45
CI
Input capacitance§
VDD = 3.3 V,
VI = VDD or GND
2
5
pF
C(XTAL)
Crystal load capacitanceW
Effective capacity between CIN and COUT
13.5
22.5
pF
† All typical values are measured at their respective nominal VDD values.
‡ CL = MAX = 5 pF, RS = 33.2 Ω, Rp = 49.9 Ω at HCLK/HCLK (Type X1)
CL = MAX = 20 pF, RL = 500 Ω at 48 MHz, REF (Type 3)
CL = MAX = 30 pF, RL = 500 Ω at CLK33 (Type 5)
§ These parameters are assured by design and lab characterization, not 100% production tested.
¶ This is the corresponding capacitive load for the XTAL in this oscillator application (Pierce oscillator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com