Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC950 Datasheet(PDF) 1 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 1 Page - Texas Instruments

  CDC950 Datasheet HTML 1Page - Texas Instruments CDC950 Datasheet HTML 2Page - Texas Instruments CDC950 Datasheet HTML 3Page - Texas Instruments CDC950 Datasheet HTML 4Page - Texas Instruments CDC950 Datasheet HTML 5Page - Texas Instruments CDC950 Datasheet HTML 6Page - Texas Instruments CDC950 Datasheet HTML 7Page - Texas Instruments CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Generates Clocks for Next Generation
Microprocessors
D Uses a 14.318-MHz Crystal Input to
Generate Multiple Output Frequencies
D Includes Spread Spectrum Clocking (SSC),
0.6% Downspread for Reduced EMI With
Theoretical EMI of 7 dB
D Power Management Control Terminals
D Low Output Skew and Jitter for Clock
Distribution
D Operates From a Single 3.3-V Supply
D Generates the Following Clocks:
− 8 Host (Diff Pairs, 100/133 MHz)
− 1 CLK33 (3.3 V, 33.3 MHz)
− 1 REFCLK (3.3 V, 14.318 MHz)
− 2 3V48 (3.3 V, 180
° Shifted Pairs, 48 MHz)
D Packaged in a 48-Pin TSSOP Package
description
The CDC950 is a differential clock synthesizer/
driver that generates HCLK/HCLK, CLK33, 3V48,
and REFCLK system clock signals to support a
computer system with next generation processors
and double data rate (DDR) memory subsystems.
All output frequencies are generated from a
14.318-MHz crystal input. A reference clock input
can be provided at the XIN input instead of a crystal. Two phase-locked loops (PLLs) are used to generate the
host frequencies and the 48-MHz clock frequencies. On-chip loop filters and internal feedback eliminate the
need for external components.
The HCLK, CLK33 clock, and 48-MHz clock outputs provide low-skew/low-jitter clock signals for reliable clock
operation. All outputs have 3-state capability, which can be selected through control inputs SEL100/133,
3V48/SelA, and 3V48/SelB.
The outputs are either differential host clock or 3.3-V single-ended CMOS buffers. With a logic high-level on the
PWRDWN terminal, the device operates normally. When a logical low-level input is applied, the device powers
down completely with the HOST clock at 2
× IREF, HOSTB is undriven, CLK33, 3V48, and REFCLK outputs are
in a low-level output state and 3V48B is in a high-level output state.
The host bus can operate at 100 MHz or 133 MHz. Output frequency selection is done with the corresponding
setting for SEL100/133 control input. The CLK33 (PCI) frequency is fixed to 33 MHz.
Since the CDC950 is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the PLL.
This stabilization time is required following power up, as well as following changes to the SEL inputs. With the
use of an external reference clock, this signal must be fixed-frequency and fixed-phase prior to stabilization time
starts. The CDC950 is characterized for operation from 0
°C to 85°C.
Copyright
 2001 − 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
CLK33
VDD3.3V
3V48/SelA
3V48/SelB
GND
VDD3.3V
HCLK(0)
HCLK(0)
GND
HCLK(1)
HCLK(1)
VDD3.3V
HCLK(2)
HCLK(2)
GND
HCLK(3)
HCLK(3)
VDD3.3V
REFCLK
SPREAD
GND
XIN
XOUT
VDD3.3V
SEL100/133
GND
AVDD3.3V
AGND
PWRDWN
VDD3.3V
HCLK(4)
HCLK(4)
GND
HCLK(5)
HCLK(5)
VDD3.3V
HCLK(6)
HCLK(6)
GND
HCLK(7)
HCLK(7)
VDD3.3V
MultSel0
MultSel1
GND
AGND
I_REF
AVDD3.3V
DGG PACKAGE
(TOP VIEW)


Similar Part No. - CDC950

ManufacturerPart #DatasheetDescription
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
The smart system for automated measuring points
2022-03-04
logo
Texas Instruments
CDC906 TI-CDC906 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI2-CDC906 Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
REVISED FEBRUARY 2008
CDC906PW TI-CDC906PW Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906PW TI2-CDC906PW Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
REVISED FEBRUARY 2008
More results

Similar Description - CDC950

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC921 TI-CDC921 Datasheet
235Kb / 17P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC922 TI-CDC922 Datasheet
239Kb / 17P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC924 TI-CDC924 Datasheet
250Kb / 18P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
CDC925 TI-CDC925 Datasheet
253Kb / 18P
133-MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
logo
Cypress Semiconductor
CY28329 CYPRESS-CY28329 Datasheet
290Kb / 17P
133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
CY2220 CYPRESS-CY2220 Datasheet
128Kb / 11P
133-MHz Spread Spectrum Clock Synthesizer/Driver With Differential CPU Outputs
logo
Texas Instruments
CDC930 TI-CDC930 Datasheet
363Kb / 17P
133-MHz DIFFERENTIAL CLOCK SYNTHESIZER / DRIVER FOR PC MOTHERBOARDS WITH 3-STATE OUTPUTS
logo
SpectraLinear Inc
CY28329 SPECTRALINEAR-CY28329 Datasheet
241Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
logo
Texas Instruments
CDC925 TI1-CDC925_08 Datasheet
281Kb / 19P
133MHz CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS
logo
Silicon Laboratories
CY28329 SILABS-CY28329 Datasheet
189Kb / 16P
133 MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com