Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC950 Datasheet(PDF) 12 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments CDC950 Datasheet HTML 10Page - Texas Instruments CDC950 Datasheet HTML 11Page - Texas Instruments CDC950 Datasheet HTML 12Page - Texas Instruments CDC950 Datasheet HTML 13Page - Texas Instruments CDC950 Datasheet HTML 14Page - Texas Instruments CDC950 Datasheet HTML 15Page - Texas Instruments CDC950 Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
HCLK
MultSel0
MultSel1
CDC950
HCLK
TLA
TLB
R(S1) = 33 Ω
R(S1) = 33 Ω
RI(REF) = 475 Ω
R(T1) = 49.9 Ω
R(T1) = 49.9 Ω
CL = 2 pF
CL = 2 pF
CL Represents CBOARD and Cjig
ZTLA = ZTLB = 50 Ω
VDD
HCLK
HCLK
Figure 2. Load Circuit for HCLK Bus
spread spectrum clock (SSC) implementation for CDC950
Simultaneously switching at a fixed frequency generates a significant power peak at the selected frequency,
which in turn causes EMI disturbance to the environment. The purpose of the internal frequency modulation of
the CPU-PLL allows energy to be distributed to many different frequencies which reduces the power peak.
A typical characteristic for a single frequency spectrum and a frequency modulated spectrum is shown in
Figure 3.
∆
Maximum Peak
SSC
δ of f(nom)
f(nom)
Non-SSC
Figure 3. Frequency Power Spectrum With and Without the Use of SSC
The modulated spectrum has its distribution (left side) associated with the single-frequency spectrum which
indicates a down-spread modulation.
The peak reduction depends on the modulation scheme and modulation profile. System performance and timing
requirements are the limiting factors for actual design implementations. The implementation was driven to keep
the average clock frequency close to its upper specification limit. The modulation amount was set to
approximately –0.6%.
To allow a downstream PLL to follow the frequency modulated signal, the bandwidth of the modulation signal
is limited in order to minimize SSC induced tracking skew jitter. The modulation frequency is approximately
31 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com