Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC950 Datasheet(PDF) 9 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CDC950 Datasheet HTML 5Page - Texas Instruments CDC950 Datasheet HTML 6Page - Texas Instruments CDC950 Datasheet HTML 7Page - Texas Instruments CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments CDC950 Datasheet HTML 10Page - Texas Instruments CDC950 Datasheet HTML 11Page - Texas Instruments CDC950 Datasheet HTML 12Page - Texas Instruments CDC950 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
CLK33 (Type 5)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = min to max,
IOH = –1 mA
VDD – 0.1
VOH
High-level output voltage
VDD = 3.135 V,
IOH = −18 mA
2.4
V
VOL
Low-level output voltage
VDD = min to max,
IOL = 1 mA
0.1
V
VOL
Low-level output voltage
VDD = 3.135 V,
IOL = 12 mA
0.15
0.4
VDD = 3.135 V,
VO = 1 V
−33
IOH
High-level output current
VDD = 3.3 V,
VO = 1.65 V
−53
IOH
High-level output current
VDD = 3.465 V,
VO = 3.135 V
−16
−33
mA
VDD = 3.135 V,
VO = 1.95 V
30
mA
IOL
Low-level output current
VDD = 3.3 V,
VO = 1.65 V
51
IOL
Low-level output current
VDD = 3.465 V,
VO = 0.4 V
21
38
CO
Output capacitance
VDD = 3.3 V,
VO = VDD or GND
4.5
7.5
pF
Zo
Output impedance
High state
VO = 0.5 VDD,
VO/IOH
12
35
55
Ω
Zo
Output impedance
Low state
VO = 0.5 VDD,
VO/IOL
12
35
55
Ω
† All typical values are measured at their respective nominal VDD values.
switching characteristics, VDD = 3.135 V to 3.465 V, TA = 0°C to 85°C
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(over)
Overshoot†
HCLK/HCLK 0.7-V
VOH + 200
mV
V(under)
Undershoot†
HCLK/HCLK 0.7-V
amplitude
VOL − 200
mV
V(over)
Overshoot†
Other clocks,
GND − 0.7
V
V(under)
Undershoot†
Other clocks,
CL = worst case
VDD + 0.7
V
tPZL
Output enable time
from low level
SEL100/133
All outputs
SEL100/133
↑
Rref = 475 Ω
10
tPZH
Output enable time to
high level
SEL100/133
All outputs
SEL100/133
↑
Rref = 475 Ω
10
ns
tPHZ
Output disable time
from high level
SEL100/133
All outputs
SEL100/133
↓
Rref = 475 Ω
10
ns
tPLZ
Output disable time
from low level
SEL100/133
All outputs
SEL100/133
↓
Rref = 475 Ω
10
ts
Stabilization time‡
VDD
All outputs
After power up
0.1
ms
ts
Stabilization time‡
PWRDWN
All outputs
From PWRDWN
↑
0.25
ms
† These parameters are assured by design and lab characterization, not 100% production tested.
‡ Stabilization time is the time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. In order for
phase lock to be obtained, a fixed-frequency, fixed-phase reference signal must be present at XIN. Until phase lock is obtained, the specifications
for propagation delay and skew parameters given in the switching characteristics tables are not applicable. Stabilization time is defined as the
time since VDD achieves its nominal operating level (3.3 V) or PWRDWN transition from a low to a high level (2 V) until the output frequency is
stable and operating within specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com