Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC950 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 3 Page - Texas Instruments

  CDC950 Datasheet HTML 1Page - Texas Instruments CDC950 Datasheet HTML 2Page - Texas Instruments CDC950 Datasheet HTML 3Page - Texas Instruments CDC950 Datasheet HTML 4Page - Texas Instruments CDC950 Datasheet HTML 5Page - Texas Instruments CDC950 Datasheet HTML 6Page - Texas Instruments CDC950 Datasheet HTML 7Page - Texas Instruments CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
3V48/SelA,
3V48/SelB
3, 4
I/O
48-MHz 180
° shifted pair clocks for USB use
Logic select pins. Selects the mode of operation, see Table 1 for details.
AGND
27, 45
P
Analog ground
AVDD3.3V
25, 46
P
Power. Analog power supply
CLK33
1
O
33-MHz reference clock for PCI use, host clock divided by 3 or by 4
GND
5, 9, 15,
21, 28, 34,
40, 47
P
Ground
HCLK
7, 10, 13,
16, 33, 36,
39, 42
O
CPU and host clock outputs [7:0]. These eight differential CPU clock pairs run at 100/133 MHz. The VOH
swing amplitude is configured by MultSel0, MultSel1 pins. See Table 5 and Intel’s CK00 document for
details.
HCLK
8, 11, 14,
17, 32, 35,
38, 41
O
CPU and host clock outputs [7:0]. These eight differential CPU clock pairs run at 100/133 MHz. The VOH
swing amplitude is configured by MultSel0, MultSel1 pins. See Table 5 and Intel’s CK00 document for
details.
I_REF
26
I
Current reference. This pin establishes the reference current for host clock parts. See Table 5 and Intel’s
CK00 document for details.
MultSel0
30
I
See Table 5 and Intel’s CK00 document for details.
MultSel1
29
I
See Table 5 and Intel’s CK00 document for details.
PWRDWN
44
I
Power-down input. 3.3-V LVTTL compatible, asynchronous input that requests the device to enter the
power-down mode. See Table 2 for details.
REFCLK
19
O
14.138-MHz reference clock output: 3.3 V copy of the 14.318-MHz reference clock.
SEL100/133
48
I
Active low LVTTL level logic select. SEL100/133 is used for enabling 100/133 MHz. Low = 100 MHz, high
= 133 MHz
SPREAD
20
U
Spread spectrum enable. 3.3-V LVTTL compatible, input that enables the spread spectrum mode when
held low. See Table 4 for details.
VDD3.3V
2, 6, 12,
18, 24, 31,
37, 43
P
Power. Power supply
XIN
22
I
Crystal connection or an external reference frequency input. Connect to either a 14.138-MHz crystal or
an external reference signal.
XOUT
23
O
Crystal connection. An output connection for an external 14.318-MHz crystal. If using an external
reference, this pin must be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com