Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDC950 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDC950
Description  133-MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR PC MOTHERBOARDS/SERVERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDC950 Datasheet(HTML) 2 Page - Texas Instruments

  CDC950 Datasheet HTML 1Page - Texas Instruments CDC950 Datasheet HTML 2Page - Texas Instruments CDC950 Datasheet HTML 3Page - Texas Instruments CDC950 Datasheet HTML 4Page - Texas Instruments CDC950 Datasheet HTML 5Page - Texas Instruments CDC950 Datasheet HTML 6Page - Texas Instruments CDC950 Datasheet HTML 7Page - Texas Instruments CDC950 Datasheet HTML 8Page - Texas Instruments CDC950 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CDC950
133MHz DIFFERENTIAL CLOCK SYNTHESIZER/DRIVER FOR
PC MOTHERBOARDS/SERVERS
SCAS646B − FEBRUARY 2001 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Control
Logic
48
Xtal
Oscillator
XIN
XOUT
22
23
PLL
Test
2
Latched
3
4
Spread
Logic
20
(7,10,13,16,
33,36,39,42)
(8,11,14,17
32,35,38,41)
100/133 MHz
/3
CPU
PLL
/2
/2
/2
44
I_REF
26
2
Control Logic
MultSel0
30
MultSel1
29
Phase
Shift
1 CLK33
33.3 MHz
(1)
1 3V48B
48 MHz
(4)
100/133 MHz
8 HCLKs
1 REFCLK
14.318 MHz
(19)
1 3V48
(3)
48 MHz
180
°
SEL100/133
SPREAD
PWRDWN
SEL100/133
8 HCLKs
3-State/Low
48-MHz
3V48/SelA
3V48/SelB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com