Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA229 Datasheet HTML 28Page - Texas Instruments INA229 Datasheet HTML 29Page - Texas Instruments INA229 Datasheet HTML 30Page - Texas Instruments INA229 Datasheet HTML 31Page - Texas Instruments INA229 Datasheet HTML 32Page - Texas Instruments INA229 Datasheet HTML 33Page - Texas Instruments INA229 Datasheet HTML 34Page - Texas Instruments INA229 Datasheet HTML 35Page - Texas Instruments INA229 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Table 8-2. INA229 Noise Performance (continued)
ADC CONVERSION
TIME PERIOD [µs]
OUTPUT SAMPLE
AVERAGING [SAMPLES]
OUTPUT SAMPLE PERIOD
[ms]
NOISE-FREE ENOB
(±163.84-mV)
(ADCRANGE = 0)
NOISE-FREE ENOB
(±40.96-mV)
(ADCRANGE = 1)
50
128
6.4
15.5
13.4
84
10.752
16.3
14.3
150
19.2
16.9
14.7
280
35.84
17.1
15.2
540
69.12
18.1
15.9
1052
134.656
18.1
16.4
2074
265.472
18.7
16.9
4120
527.36
19.7
17.1
50
256
12.8
15.5
14.4
84
21.504
16.7
14.7
150
38.4
17.4
15.3
280
71.68
17.7
15.7
540
138.24
18.7
16.1
1052
269.312
18.7
16.7
2074
530.944
19.7
17.4
4120
1054.72
19.7
17.7
50
512
25.6
16.7
14.3
84
43
17.4
15.4
150
76.8
17.7
15.5
280
143.36
18.7
16.3
540
276.48
18.7
16.5
1052
538.624
19.7
17.4
2074
1061.888
19.7
17.7
4120
2109.44
19.7
18.7
50
1024
51.2
17.1
15.0
84
86.016
17.7
15.9
150
153.6
18.1
16.0
280
286.72
18.7
16.9
540
552.96
19.7
17.1
1052
1077.248
19.7
17.7
2074
2123.776
19.7
18.1
4120
4218.88
20
18.7
8.1.4 Input Filtering Considerations
As previously discussed, INA229 offers several options for noise filtering by allowing the user to select the
conversion times and number of averages independently in the ADC_CONFIG register. The conversion times
can be set independently for the shunt voltage and bus voltage measurements to allow added flexibility in
monitoring of the power-supply bus.
The internal ADC has good inherent noise rejection; however, the transients that occur at or very close to the
sampling rate harmonics can cause problems. Because these signals are at 1 MHz and higher, they can be
managed by incorporating filtering at the input of the device. Filtering high frequency signals enables the use of
low-value series resistors on the filter with negligible effects on measurement accuracy. For best results, filter
using the lowest possible series resistance (typically 100 Ω or less) and a ceramic capacitor. Recommended
values for this capacitor are between 0.1 µF and 1 µF. Figure 8-1 shows the device with a filter added at the
input.
INA229
SLYS023 – DECEMBER 2020
www.ti.com
32
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com