Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA229 Datasheet HTML 17Page - Texas Instruments INA229 Datasheet HTML 18Page - Texas Instruments INA229 Datasheet HTML 19Page - Texas Instruments INA229 Datasheet HTML 20Page - Texas Instruments INA229 Datasheet HTML 21Page - Texas Instruments INA229 Datasheet HTML 22Page - Texas Instruments INA229 Datasheet HTML 23Page - Texas Instruments INA229 Datasheet HTML 24Page - Texas Instruments INA229 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
7.6.1.1 Configuration (CONFIG) Register (Address = 0h) [reset = 0h]
The CONFIG register is shown in Table 7-5.
Return to the Summary Table.
Table 7-5. CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RST
R/W
0h
Reset Bit. Setting this bit to '1' generates a system reset that is the
same as power-on reset.
Resets all registers to default values.
0h = Normal Operation
1h = System Reset sets registers to default values
This bit self-clears.
14
RSTACC
R/W
0h
Resets the contents of accumulation registers ENERGY and
CHARGE to 0
0h = Normal Operation
1h = Clears registers to default values for ENERGY and CHARGE
registers
13-6
CONVDLY
R/W
0h
Sets the Delay for initial ADC conversion in steps of 2 ms.
0h = 0 s
1h = 2 ms
FFh = 510 ms
5
TEMPCOMP
R/W
0h
Enables temperature compensation of an external shunt
0h = Shunt Temperature Compensation Disabled
1h = Shunt Temperature Compensation Enabled
4
ADCRANGE
R/W
0h
Shunt full scale range selection across IN+ and IN–.
0h = ±163.84 mV
1h = ± 40.96 mV
3-0
RESERVED
R
0h
Reserved. Always reads 0.
7.6.1.2 ADC Configuration (ADC_CONFIG) Register (Address = 1h) [reset = FB68h]
The ADC_CONFIG register is shown in Table 7-6.
Return to the Summary Table.
Table 7-6. ADC_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
MODE
R/W
Fh
The user can set the MODE bits for continuous or triggered mode on
bus voltage, shunt voltage or temperature measurement.
0h = Shutdown
1h = Triggered bus voltage, single shot
2h = Triggered shunt voltage triggered, single shot
3h = Triggered shunt voltage and bus voltage, single shot
4h = Triggered temperature, single shot
5h = Triggered temperature and bus voltage, single shot
6h = Triggered temperature and shunt voltage, single shot
7h = Triggered bus voltage, shunt voltage and temperature, single
shot
8h = Shutdown
9h = Continuous bus voltage only
Ah = Continuous shunt voltage only
Bh = Continuous shunt and bus voltage
Ch = Continuous temperature only
Dh = Continuous bus voltage and temperature
Eh = Continuous temperature and shunt voltage
Fh = Continuous bus, shunt voltage and temperature
www.ti.com
INA229
SLYS023 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com