Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA229 Datasheet HTML 2Page - Texas Instruments INA229 Datasheet HTML 3Page - Texas Instruments INA229 Datasheet HTML 4Page - Texas Instruments INA229 Datasheet HTML 5Page - Texas Instruments INA229 Datasheet HTML 6Page - Texas Instruments INA229 Datasheet HTML 7Page - Texas Instruments INA229 Datasheet HTML 8Page - Texas Instruments INA229 Datasheet HTML 9Page - Texas Instruments INA229 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
at TA = 25 °C, VS = 3.3 V, VSENSE = VIN+ – VIN– = 0 V, VCM = VIN– = 48 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE SENSOR
Measurement range
–40
+125
°C
Temperature accuracy
TA = 25 °C
±0.15
±1
°C
TA = –40 °C to +125 °C
±0.2
±2
°C
POWER SUPPLY
VS
Supply voltage
2.7
5.5
V
IQ
Quiescent current
VSENSE = 0 V
640
750
µA
VSENSE = 0 V, TA = –40 °C to +125 °C
1.1
mA
IQSD
Quiescent current, shutdown
Shuntdown mode
2.8
5
µA
TPOR
Device start-up time
Power-up (NPOR)
300
µs
From shutdown mode
60
DIGITAL INPUT / OUTPUT
VIH
Logic input level, high
1.2
VS
V
VIL
Logic input level, low
GND
0.4
V
VOL
Logic output level, low
IOL = 1 mA
GND
0.4
V
VOH
Logic output level, high
IOL = 1 mA
VS – 0.4
VS
V
IIO_LEAK
Digital leakage input current
0 ≤ VIN ≤ VS
–1
1
µA
(1)
Subject to oscillator accuracy and drift
INA229
SLYS023 – DECEMBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com