Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA229 Datasheet HTML 15Page - Texas Instruments INA229 Datasheet HTML 16Page - Texas Instruments INA229 Datasheet HTML 17Page - Texas Instruments INA229 Datasheet HTML 18Page - Texas Instruments INA229 Datasheet HTML 19Page - Texas Instruments INA229 Datasheet HTML 20Page - Texas Instruments INA229 Datasheet HTML 21Page - Texas Instruments INA229 Datasheet HTML 22Page - Texas Instruments INA229 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
– MISO - SPI Secondary Out / Main In data (tri-state output)
• The SPI frame size is variable in length depending on the INA229 register accessed through the SPI interface
as following:
– Main to Secondary (MOSI): 6 bits for register Address; 1 bit low; 1 R/W bit (read / not write); variable
length of low bits depending on the INA229 register length.
– Secondary to Main (MISO): 8 bits low; variable length of bits depending on the INA229 register length.
• SPI bit-speed up to 10 Mbit/s
• Both Main commands and INA229 data are shifted MSB first, LSB last
• The data on the MOSI line is sampled on the falling edge of SCLK
• The data on the MISO line is shifted out on the rising edge of SCLK
The SPI communication starts with the CS falling edge, and ends with CS rising edge. The CS high level keeps
secondary SPI interface in an idle state, and MISO output is tri-stated.
Since the MISO output is push-pull it is ideal to have the INA229 supply at the same voltage as the primary
device I/O supply. If different supply voltages are used, level translation is recommended.
7.5.1.1 SPI Frame
SPI communication to the INA229 device is performed through register address access. Communication to every
register starts with a 6-bit register address followed by a "0" and a R/W bit. Setting the R/W bit to "1" indicates
that the current SPI frame will read from a device register while setting the R/W bit to "0" indicates the current
SPI frame will write data to a device register.
MISO
CS
MOSI
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
ADDR
0
DATA
MSB
DATA
DATA
DATA
DATA
DATA
DATA
DATA
LSB
R
. . . .
. . . . . .
16 ± 40 bits
SCLK
Figure 7-7. SPI Read Frame
SCLK
MISO
CS
MOSI
ADDR
5
ADDR
4
ADDR
3
ADDR
2
ADDR
1
ADDR
0
DATA
MSB
DATA
DATA
DATA
DATA
DATA
DATA
DATA
LSB
W
. . . . . .
. . . .
16 bits
DATA
MSB
DATA
DATA
DATA
DATA
DATA
DATA
DATA
LSB
. . . .
. . . . .
Figure 7-8. SPI Write Frame
Note that while the read frame can be variable in length due to the different length registers in the INA229
device, the write frame is fixed in length as all writable registers are 16 bits wide. During an SPI write frame,
while new data is shifted into the INA229 register, the old data from the same register is shifted out on the MISO
line.
The first 8-bits of each SPI frame are presented in Table 7-2, which shows access to a certain register address
on the MOSI line as well as read/write functionality. On an SPI read operation, the INA229 returns the data read
in the same SPI frame.
www.ti.com
INA229
SLYS023 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com