Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA229 Datasheet HTML 9Page - Texas Instruments INA229 Datasheet HTML 10Page - Texas Instruments INA229 Datasheet HTML 11Page - Texas Instruments INA229 Datasheet HTML 12Page - Texas Instruments INA229 Datasheet HTML 13Page - Texas Instruments INA229 Datasheet HTML 14Page - Texas Instruments INA229 Datasheet HTML 15Page - Texas Instruments INA229 Datasheet HTML 16Page - Texas Instruments INA229 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
7.3.2 Internal Measurement and Calculation Engine
The current and charge are calculated after a shunt voltage measurement, while the power and energy are
calculated after a bus voltage measurement. Power and energy are calculated based on the previous current
calculation and the latest bus voltage measurement. If the value loaded into the SHUNT_CAL register is zero,
the power, energy and charge values will be reported as zero.
The current, voltage, and temperature values are immediate results when the number of averages is set to one
as shown in Figure 7-2. However, when averaging is used, each ADC measurement is an intermediate result
which is stored in the corresponding averaging registers. Following every ADC sample, the newly-calculated
values for current, voltage, and temperature are appended to their corresponding averaging registers until the
set number of averages is achieved. After all of the samples have been measured the average current and
voltage is determined, the power is calculated and the results are loaded to the corresponding output registers
where they can then be read.
The energy and charge values are accumulated for each conversion cycle. Therefore the INA229 averaging
function is not applied to these.
Calculations for power, charge and energy are performed in the background and do not add to the overall
conversion time.
i
v
T
i
v
i
v
i
v
i
v
i
p1
p2
p3
p4
p5
Q1 =
i1 x t1
Q.. =
i.. x t..
Q.. =
i.. x t..
Q.. =
i.. x t..
Q.. =
i.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E.. =
p.. x t..
E1 =
p1 x t2
Power register
Energy register
Charge register
T
T
T
T
ADC,
Temperature, Current,
Voltage
T
Figure 7-2. Power, Energy and Charge Calculation Scheme
7.3.3 Low Bias Current
The INA229 features very low input bias current which provides several benefits. The low input bias current of
the INA229 reduces the current consumed by the device in both active and shutdown state. Another benefit of
low bias current is that it allows the use of input filters to reject high-frequency noise before the signal is
converted to digital data. In traditional digital current-sense amplifiers, the addition of input filters comes at the
cost of reduced accuracy. However, as a result of the low bias current, the reduction in accuracy due to input
filters is minimized. An additional benefit of low bias current is the ability to use a larger shunt resistor to
accurately sense smaller currents. Use of a larger value for the shunt resistor allows the device to accurately
monitor currents in the sub-mA range.
The bias current in the INA229 is the smallest when the sensed current is zero. As the current starts to increase,
the differential voltage drop across the shunt resistor increases which results in an increase in the bias current
as shown in Figure 6-14.
7.3.4 High-Precision Delta-Sigma ADC
The integrated ADC is a high-performance, low-offset, low-drift, delta-sigma ADC designed to support
bidirectional current flow at the shunt voltage measurement channel. The measured inputs are selected through
the high-voltage input multiplexer to the ADC inputs as shown in Figure 7-1. The ADC architecture enables lower
drift measurement across temperature and consistent offset measurements across the common-mode voltage,
temperature, and power supply variations. A low-offset ADC is preferred in current sensing applications to
provide a near 0-V offset voltage that maximizes the useful dynamic range of the system.
The INA229 can measure the shunt voltage, bus voltage, and die temperature, or a combination of any based on
the selected MODE bits setting in the ADC_CONFIG register. This permits selecting modes to convert only the
www.ti.com
INA229
SLYS023 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com