Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA229 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA229
Description  INA229 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With SPI Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA229 Datasheet(HTML) 3 Page - Texas Instruments

  INA229 Datasheet HTML 1Page - Texas Instruments INA229 Datasheet HTML 2Page - Texas Instruments INA229 Datasheet HTML 3Page - Texas Instruments INA229 Datasheet HTML 4Page - Texas Instruments INA229 Datasheet HTML 5Page - Texas Instruments INA229 Datasheet HTML 6Page - Texas Instruments INA229 Datasheet HTML 7Page - Texas Instruments INA229 Datasheet HTML 8Page - Texas Instruments INA229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
5 Pin Configuration and Functions
1
CS
10
IN+
2
MOSI
9
IN–
3
ALERT
8
VBUS
4
MISO
7
GND
5
SCLK
6
VS
Not to scale
Figure 5-1. DGS Package 10-Pin VSSOP Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
CS
Digital input
SPI chip select (Active Low).
2
MOSI
Digital input
SPI digital data input.
3
ALERT
Digital output
Open-drain alert output, default state is active low.
4
MISO
Digital output
SPI digital data output (push-pull).
5
SCLK
Digital input
SPI clock input.
6
VS
Power supply
Power supply, 2.7 V to 5.5 V.
7
GND
Ground
Ground.
8
VBUS
Analog input
Bus voltage input.
9
IN–
Analog input
Negative input to the device. For high-side applications, connect to load side of sense resistor. For
low-side applications, connect to ground side of sense resistor.
10
IN+
Analog input
Positive input to the device. For high-side applications, connect to power supply side of sense
resistor. For low-side applications, connect to load side of sense resistor.
www.ti.com
INA229
SLYS023 – DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com