Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3002 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF3002
Description  3M Scotch-WeldTM Core SpliceAdhesive Film
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3002 Datasheet(HTML) 4 Page - 3M Electronics

  AF3002 Datasheet HTML 1Page - 3M Electronics AF3002 Datasheet HTML 2Page - 3M Electronics AF3002 Datasheet HTML 3Page - 3M Electronics AF3002 Datasheet HTML 4Page - 3M Electronics AF3002 Datasheet HTML 5Page - 3M Electronics AF3002 Datasheet HTML 6Page - 3M Electronics AF3002 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Scotch-WeldTM
Core Splice Adhesive Film
AF 3002
- 4 -
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
Results:
Test Set A
Honeycomb Adhesive: Scotch-Weld AF-111 Wt. B – Film Adhesive.
Honeycomb Core: 1/8" cell, 1/2" thick, 5052 alloy, 0.002" foil, non-perforated.
Cure Cycle: 250°F (121°C) – 50 psi – 60 min. at temp. – 10°F/minute warmup rate.
Test Temperature
Core Shear Strength (Ave.)
-67°F (-55°C)
850 psi
75°F (24°C)
850 psi
180°F (82°C)
750 psi
250°F (121°C)
200 psi
Test Set B
Honeycomb Adhesive: Scotch-Weld AF-131 Film Adhesive.
Honeycomb Core: 5052 alloy, 1/8" cell, 1/2" thick, 0.002" foil, non-perforated.
Cure Cycle: 350°F (177°C) – 50 psi – 60 min. – 10°F/min. warmup.
Test Temperature
Core Shear Strength (psi)
-67°F (-55°C)
925
75°F (24°C)
910
270°F (132°C)
920
350°F (177°C)
700
Test Set C
Honeycomb Adhesive: Scotch-Weld AF-130 .09 wt. Film Adhesive.
Honeycomb Core: 2024 alloy, 1/8" cell, 1/2" thick, 0.002" foil, non-perforated.
Cure Cycle: 350°F (177°C) – 50 psi – 60 min. – 10°F/minute warmup.
Test Temperature
Core Shear Strength (Ave.)
350°F (177°C)
716 psi
400°F (204°C)
565 psi
Test Set D
Honeycomb Adhesive: Scotch-Weld AF-130 .09 wt. Film Adhesive.
Honeycomb Core: 5052 alloy, 1/8" cell, 1/2" thick, 0.002" foil, non-perforated.
Core Splice: 21/2" from one end, 2 layers of adhesive in a .080" gap.
Cure Cycle: 350°F (177°C) – 45 psi – 60 min. – 2.5°F and 10°F/min. warmup.
Test Temperature
Core Shear Strength (Ave.)
2.5°F/min. warmup
10°F/min. warmup
75°F (24°C)
975 psi
980 psi
350°F (177°C)
715 psi
740 psi



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com