Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3002 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF3002
Description  3M Scotch-WeldTM Core SpliceAdhesive Film
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3002 Datasheet(HTML) 3 Page - 3M Electronics

  AF3002 Datasheet HTML 1Page - 3M Electronics AF3002 Datasheet HTML 2Page - 3M Electronics AF3002 Datasheet HTML 3Page - 3M Electronics AF3002 Datasheet HTML 4Page - 3M Electronics AF3002 Datasheet HTML 5Page - 3M Electronics AF3002 Datasheet HTML 6Page - 3M Electronics AF3002 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Scotch-WeldTM
Core Splice Adhesive Film
AF 3002
- 3 -
Product Performance
(continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
4. Overlap Shear Strength:
The overlap shear strength of 3M™ Scotch-Weld™ Core Splice Adhesive Film
AF 3002 has been determined using the procedures outlined in MMM-A-132A and
under the following conditions.
Metal: 2024T3 Alclad aluminum 4" x 7" x .063".
Cure Cycle: 250°F (121°C) – 50 psi – 60 min. – 10°F/min. warmup.
Load Rate: 0.1"/minute.
Specimen Size: 0.5 inch2 lap joint.
Results: The following typical, individual results were obtained at the temperature specified
after 10 minutes at that temperature.
Test Temperature:
-67°F (-55°C)
75°F (24°C)
180°F (82°C)
250°F (121°C)
1820 psi
1760 psi
1980 psi
1060 psi
1780 psi
1660 psi
1900 psi
1050 psi
1820 psi
1640 psi
1850 psi
1190 psi
1780 psi
1630 psi
1720 psi
1230 psi
5. Core Shear Strength:
Core shear strength of Scotch-Weld AF 3002 was determined using a 3" x 8" beam
flexure specimen with a splice made with Scotch-Weld AF 3002 located 2" from
one end of the flexure specimen as shown below:
Face Sheets: 2024T81 bare aluminum, 0.063" thick.
Core shear strength determined according to MIL-A-24563B using the following conditions:
Load Pad: 1.5" single point load.
Reaction Pads: 3/4".
Load Rate: 0.02"/minute.
Span: 6 inches.
Core Shear =
P
Where: P = Load at failure t = specimens thickness
(psi)
b (t + tc) Where: b = beam width
tc = core thickness



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com