Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3002 Datasheet(PDF) 5 Page - 3M Electronics

Part # AF3002
Description  3M Scotch-WeldTM Core SpliceAdhesive Film
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3002 Datasheet(HTML) 5 Page - 3M Electronics

  AF3002 Datasheet HTML 1Page - 3M Electronics AF3002 Datasheet HTML 2Page - 3M Electronics AF3002 Datasheet HTML 3Page - 3M Electronics AF3002 Datasheet HTML 4Page - 3M Electronics AF3002 Datasheet HTML 5Page - 3M Electronics AF3002 Datasheet HTML 6Page - 3M Electronics AF3002 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Scotch-WeldTM
Core Splice Adhesive Film
AF 3002
- 5 -
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
6. Tube Shear Strength:
The tube shear strength has been determined on 3M™ Scotch-Weld™ Core Splice
Adhesive Film using the procedure outlined in 3M Test Method C-280. Tube shear
specimens are prepared by placing 45 ± 0.2 grams of Scotch-Weld AF-3002
between the walls of two 9 inch long tubes and curing in an oven.
Core Splice Adhesive
Outer Tube – 1" OD, 0.049" thick
5052-0 bare
Inner Tube – 1/2" OD, 0.049" thick
5052-0 bare
Test Specimen
Tube Shear (PSI) =
P
0.784
Cure Cycle A: 250°F (121°C) – 0 psig – 120 min. – 7.5°F/min. warmup.
Cure Cycle B: 350°F (177°C) – 0 psig – 60 min. – 7.5°F/min. warmup.
Tube Shear Strength
Test Temperature
Cure Cycle A
Cure Cycle B
75°F (24°C)
1520 psi
2200 psi
350°F (177°C)
920 psi
1200 psi
Tube Density (determined by dividing the volume inside the tubes by the weight of
Scotch-Weld AF 3002) = 43 lbs./cu. ft.
Product Performance
(continued)
Product Application
The product performance data were developed using the following suggested procedures.
I. Surface Preparation
A thoroughly cleaned, dry, grease-free surface is recommended for maximum
performance. Cleaning methods which will produce a breakfree water film on metal
surfaces are generally satisfactory.
A. Aluminum Skins (3M Company optimized FPL etch, 3M Test Method C-2803).
1. Vapor Degrease – Suspend skins in condensing vapors of perchloroethylene for
5 minutes.
2. Alkaline Degrease – Immerse skins in Oakite No. 164 solution (9-11 oz./gallon
water) at 180°F - 200°F (82°C - 93°C) for 10-12 minutes. Rinse in generous
quantities of clear, running water.
3. Acid Etch – Place panels in the following solution for 10 min. at 150°F ± 5°F
(66°C ± 2°C).
Sodium Dichromate (Na2Cr2O72H2O)
4.1 - 4.9 oz./gallon
Sulfuric Acid, 66° Be
38.5 - 41.5 oz./gallon
2024T-3 aluminum (dissolved)
0.2 oz./gallon minimum
Tap Water as needed to balance
Caution: Use adequate respiratory, eye and skin protection when using etch
solutions.
4. Rinse – Rinse face sheets in clear running tap water.
5. Dry – Air dry 15 minutes; force dry 10 minutes with parts at 150°F ± 10°F
(66°C ± 5°C).



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com