Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3002 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF3002
Description  3M Scotch-WeldTM Core SpliceAdhesive Film
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3002 Datasheet(HTML) 2 Page - 3M Electronics

  AF3002 Datasheet HTML 1Page - 3M Electronics AF3002 Datasheet HTML 2Page - 3M Electronics AF3002 Datasheet HTML 3Page - 3M Electronics AF3002 Datasheet HTML 4Page - 3M Electronics AF3002 Datasheet HTML 5Page - 3M Electronics AF3002 Datasheet HTML 6Page - 3M Electronics AF3002 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Scotch-WeldTM
Core Splice Adhesive Film
AF 3002
- 2 -
Product Performance
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
1. Cured Density:
The free film cured density for 3M™ Scotch-Weld™ Core Splice Adhesive Film
AF 3002 has been determined using the specific gravity method outlined in 3M
Test Method C-2310-2.
Cure Cycle A: 250°F (121°C) – 0 psig – 60 min. – 10°F/min. warmup.
Cured Density: 40 lbs./cubic foot (approx.).
Cure Cycle B: 350°F (177°C) – 0 psig – 60 min. – 10°F/min. warmup.
Cured Density: 35 lbs./cubic foot (approx.).
2. Per Cent Expansion During Cure:
The free film per cent volume expansion during cure for Scotch-Weld AF 3002
has been determined from the change in specific gravity in going from the uncured
to the cured state as outlined in 3M Test Method C-276.
Cure Cycle A: 250°F (121°C) – 0 psig – 60 min. – 10°F/min. warmup.
Per Cent Volume Expansion: 35% (approx.).
Cure Cycle B: 350°F (177°C) – 0 psig – 60 min. – 10°F/min. warmup.
Per Cent Volume Expansion: 55% (approx.).
3. Splice Delamination Strength:
Splice delamination strength has been determined on Scotch-Weld AF 3002 in
accordance with the procedure outlined in MIL-C-7438F para. 4.7.9.
Core: 5052 alloy – 1/4" cell – 0.004" foil – 5/8" thick – nonperforated.
Specimen: 5" x 10" (core ribbon perpendicular to ten inch dimension).
Splice Position: Centered and perpendicular to the 10" dimension running the full width of
the specimen.
No. of layers: Two (for smaller cell sizes single layers of film are suggested).
Load Rate: 0.25"/minute.
A. Cure Cycle: 250°F (121°C) – 0 psig – 60 min. – 10°F/min. warmup.
B. Cure Cycle: 350°F (177°C) – 0 psig – 60 min. – 10°F/min. warmup.
MIL-C-7438F
Test Temperature
Requirement
Cure A strength
Cure B strength
75°F (24°C)
40 lbs.
50-100 lbs.
50-100 lbs.
Core failure
Core failure
Note: Width of range is a result of strength variation of core node bonds which normally fail at
lower loads than the strength of the splice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com