Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3002 Datasheet(PDF) 7 Page - 3M Electronics

Part # AF3002
Description  3M Scotch-WeldTM Core SpliceAdhesive Film
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3002 Datasheet(HTML) 7 Page - 3M Electronics

  AF3002 Datasheet HTML 1Page - 3M Electronics AF3002 Datasheet HTML 2Page - 3M Electronics AF3002 Datasheet HTML 3Page - 3M Electronics AF3002 Datasheet HTML 4Page - 3M Electronics AF3002 Datasheet HTML 5Page - 3M Electronics AF3002 Datasheet HTML 6Page - 3M Electronics AF3002 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Scotch-WeldTM
Core Splice Adhesive Film
AF 3002
Storage and Handling
Storage at 40°F (4°C) or below is suggested for 3M™ Scotch-Weld™ Core Splice
Adhesive Film AF 3002 to obtain maximum shelf life. Our data indicates, however,
that no loss in mechanical properties is obtained after aging at 75°F ± 5°F (24°C ±
2°C) for 7 days.
Care must be taken when handling Scotch-Weld AF 3002 at low temperatures
because is can easily crack. Warm Scotch-Weld AF 3002 to ambient conditions in
the sealed package to prevent moisture condensation on the adhesive surface.
To request additional product information or to arrange for sales assistance, call toll free (800) 235-2376.
Our fax number is (417) 869-5219. Address correspondence to: 3M Aerospace Central, 3211 E. Chestnut
Expressway, Springfield, MO 65802.
For Additional
Information
Refer to Product Label and Material Safety Data Sheet for health and safety information before using this
product. For additional health and safety information, call 1-800-364-3577 or (651) 737-6501.
Precautionary
Information
3M MAKES NO WARRANTIES, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, ANY
IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. User is
responsible for determining whether the
3M product is fit for a particular purpose and suitable for user’s
method of application. Please remember that many factors can affect the use and performance of a
3M
Engineered Adhesives Division product in a particular application. The materials to be bonded with the
product, the surface preparation of those materials, the product selected for use, the conditions in which
the product is used, and the time and environmental conditions in which the product is expected to
perform are among the many factors that can affect the use and performance of a
3M product. Given the
variety of factors that can affect the use and performance of a
3M product, some of which are uniquely
within the user’s knowledge and control, it is essential that the user evaluate the
3M product to determine
whether it is fit for a particular purpose and suitable for the user’s method of application.
Important Notice
If the
3M product is proved to be defective, THE EXCLUSIVE REMEDY, AT 3M’S OPTION, SHALL BE TO
REFUND THE PURCHASE PRICE OF OR TO REPAIR OR REPLACE THE DEFECTIVE
3M PRODUCT.
3M shall not otherwise be liable for loss or damages, whether direct, indirect, special, incidental, or
consequential, regardless of the legal theory asserted, including, but not limited to, contract, negligence,
warranty, or strict liability.
Limitation of Remedies
and Liability
This Engineered Adhesives Division product was manufactured under a 3M quality system registered to ISO 9002 standards.
ISO 9002
Printed in U.S.A.
©3M 2002
78-6900-1315-2
(6/02)
Recycled Paper
40% pre-consumer
10% post-consumer
3
Aerospace Department
Engineered Adhesives Division
3M Center, Building 220-8E-05
St. Paul, MN 55144-1000
www.3M.com/aerospace
- 7 -



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com