Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF3002 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF3002
Description  3M Scotch-WeldTM Core SpliceAdhesive Film
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF3002 Datasheet(HTML) 1 Page - 3M Electronics

  AF3002 Datasheet HTML 1Page - 3M Electronics AF3002 Datasheet HTML 2Page - 3M Electronics AF3002 Datasheet HTML 3Page - 3M Electronics AF3002 Datasheet HTML 4Page - 3M Electronics AF3002 Datasheet HTML 5Page - 3M Electronics AF3002 Datasheet HTML 6Page - 3M Electronics AF3002 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Scotch-WeldTM
Core SpliceAdhesive Film
AF 3002
Introduction
3M™ Scotch-Weld™ Core Splice Adhesive Film AF 3002 is a 250-350°F (121-177°C)
curing, low density, expandable product designed for the purpose of filling mismatched
areas, and for splicing and reinforcing honeycomb core. Scotch-Weld AF 3002 is
compatible with many 3M™ Scotch-Weld™ Structural Adhesive bonding films,
including AF 110, AF 111, AF 126, AF 126-2, AF 130, AF 131, AF 143, AF 147, and
AF-163-2. Data developed on this product indicates that it has high performance over the
-67°F to 250°F (-55°C to 121°C) temperature range when cured at 250°F (121°C) and
high performance over a -67°F to 350°F (-55°C to 177°C) temperature range when cured
at 350°F (177°C).
Technical Data
June, 2002
Description
Color:
White to light tan
Base:
Modified epoxy
Form:
Unsupported film (with a heavy green plaid printed backing liner
and a thin, rose-colored polyethylene separator liner)
Normal Caliper Range:
50 ± 5 mils (without liners)
Normal Uncured
Density Range:
50 ± 5 lbs./cubic foot
Normal Weight Range:
0.165 - 0.255 lbs./sq. ft. (calculated from above caliper and density
ranges)
Volatile Loss on Cure:
Less than 1% after 1 hour at 250°F (121°C) with a 10°F/minute
warmup rate.
Suggested Cure Cycle
for a 50 mil Thickness:
250°F (121°C) for 60 minutes with a 10°F/minute warmup rate
Cured Film Thickness:
a.) 250°F (121°C Cure, 70 mils (approx.)
b.) 350°F (177°C Cure, 80 mils (approx.)
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.


Similar Part No. - AF3002

ManufacturerPart #DatasheetDescription
logo
ABB
AF300-30-11 ABB-AF300-30-11 Datasheet
3Mb / 25P
3--polle Conttacttorrss
9/11
logo
List of Unclassifed Man...
AF3000 ETC1-AF3000 Datasheet
294Kb / 1P
AF1000 TO 6000
More results

Similar Description - AF3002

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3500 3M-EC-3500 Datasheet
27Kb / 4P
3M Scotch-WeldTM Core Splice Adhesive
Sep-2005
EC-3333 3M-EC-3333 Datasheet
216Kb / 5P
3M Scotch-WeldTM EpoxyAdhesive
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
EC-1458 3M-EC-1458 Datasheet
32Kb / 3P
3M Scotch-WeldTM Adhesive
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
Nov-2009
AF131-2 3M-AF131-2 Datasheet
20Kb / 4P
3M Scotch-WeldTM Bonding Film
Jun-2002
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2006
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com