Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF191 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 4 Page - 3M Electronics

  AF191 Datasheet HTML 1Page - 3M Electronics AF191 Datasheet HTML 2Page - 3M Electronics AF191 Datasheet HTML 3Page - 3M Electronics AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
3MScotch-Weld
Structural Adhesive Film AF 191
Technical Datasheet
- 4 -
6. MMM-A-132B Type II Test Data
Cure Cycle: 350°F – 60 minutes – 45 psig – 4 to 5°F per minute rise rate.
3M™ Scotch-Weld™ Structural
Adhesive Film AF 191K (0.080 lb/ft2)
MMM-A-132B
3M™ Scotch-Weld™ Structural
MMM-A-132B Test
Type II Requirements
Adhesive Primer EC-3917
75°F shear
2750 psi
4680 psi
300°F shear
2250 psi
2853 psi
300°F shear after 192 hours at 300°F
2250 psi
3558 psi
-67°F shear
2750 psi
3935 psi
75°F shear after 30 days at 120°F and 95-100% RH
2750 psi
4992 psi
75°F shear after immersion
a.) 7 days in MIL-H-83282
2750 psi
4993 psi
b.) 7 days in MIL-T-5624
2750 psi
4875 psi
75°F Fatigue
750, psi 106 cycles
No Failure
75°F creep 1600 psi – 192 hours
0.015" maximum
0
300°F creep
0.015" maximum
0.0002"
7. MIL-A-25463B Type II Test Data
Scotch-Weld AF 191K Film
Description
MIL-A-25463B
(0.080 lb/ft2)
Test Number
Type II Requirements
Scotch-Weld EC-3917 Primer
Sandwich Peel in•lb width
Normal Temperature
in
10
15.8
180 ± 2°F
10
14.5
-67 ± 2°F
10
11.5
Flatwise Tensile Strength (psi)
Normal Temperature
750
1413
300 ± 5°F
350
554
-67 ± 2°F
800
1735
Flexural Strength (lb)
Normal Temperature
2100
3181
300 ± 5°F
1500
1838
-67 ± 2°F
2150
3167
Flexural Strength after 192 hours Exposure (lb)
300 ± 5°F
1200
1861
Creep Deflection flexure when loaded for max.
192 hours max. deflection
Normal Temperature/1600 psi (inch)
.025
0.001
300 ± 5°F/1000 psi (inch)
0.05
0.038
Flexure Strength after 30 days exposure (lb)
To 95 to 100% RH at 120 ± 2°F
1800
3197
To turbine fuel JP-4 of MIL-T-5624
1800
3148
Typical Product
Performance (continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com