Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF191 Datasheet(PDF) 6 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 6 Page - 3M Electronics

Back Button AF191 Datasheet HTML 2Page - 3M Electronics AF191 Datasheet HTML 3Page - 3M Electronics AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics AF191 Datasheet HTML 10Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film AF 191
Technical Datasheet
- 6 -
11. Effect of Composite Post Cure Cycles of 400°F (205°C) and 450°F (232°C)
3M™ Scotch-Weld Structural Adhesive Film AF 191K (0.08 lb/ft2) compatibility with composite cure cycles
that require post cure at 400°F (205°C) or 450°F (232°C) is shown below. Scotch-Weld AF 191 Film was first
cured for 1 hour at 350°F (177°C) using a 4-5°F (2.2-2.7°C) rise rate and 45 psi (0.31 MPa) and FPL Etched
2024-T3 alclad 0.063" thick using 3M™ Scotch-Weld Structural Adhesive Primer EC-3917. Scotch-Weld AF
191 Film was then exposed to the post cures specified below to simulate different composite cure cycles.
Overlap Shear Strength @ -67, 75, 350, and 400°F Test Temperature
Hours Exposed At
Test
-67°F
(-55°C)
75°F
(23°C)
350°F
(177°C)
400°F
(204°C)
400°F (204°C):
Temperature
psi
(MPa)
psi
(MPa)
psi
(MPa)
psi
(MPa)
Control
(Zero Hours)
4400
(30.3)
4897
(33.8)
2800
(19.3)
1750
(12.1)
2 Hours
4450
(30.7)
4896
(33.8)
2870
(19.8)
2106
(14.5)
4 Hours
4503
(31.1)
4866
(33.6)
2960
(20.4)
2273
(15.7)
6 Hours
4433
(30.6)
4772
(32.9)
2910
(20.0)
2190
(15.1)
Hours Exposed At
Test
-67°F
(-55°C)
75°F
(23°C)
350°F
(177°C)
400°F
(204°C)
450°F (232°C):
Temperature
psi
(MPa)
psi
(MPa)
psi
(MPa)
psi
(MPa)
Control
(Zero Hours)
4400
(30.3)
4897
(33.8)
2800
(19.3)
752
(5.2)
2 Hours
4500
(31.0)
4789
(33.0)
2846
(19.6)
846
(5.8)
4 Hours
4263
(29.4)
4617
(31.8)
2953
(20.4)
816
(5.6)
6 Hours
4226
(29.1)
4582
(31.6)
2600
(17.9)
793
(5.5)
Typical Product
Performance (continued)
Peel Strength At 75°F (23°C)
Hours Exposed At
400°F (204°C)
Honeycomb Peel
Floating Roller Peel
Control
in•lb
(cm•N/cm)
piw
(N/25 mm)
3"
(Zero Hours)
46
(68)
28
(125)
2 Hours
28
(42)
20
(89)
4 Hours
28
(42)
25
(111)
6 Hours
27
(40)
17
(76)
Hours Exposed At
450°F (232°C)
Control
in•lb
(cm•N/cm)
piw
(N/25 mm)
3"
(Zero Hours)
46
(68)
28
(125)
2 Hours
29
(43)
23
(102)
4 Hours
30
(44.5)
27
(120)
6 Hours
30
(44.5)
23
(102)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com