Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF191 Datasheet(PDF) 11 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 11 Page - 3M Electronics

Back Button AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics AF191 Datasheet HTML 10Page - 3M Electronics AF191 Datasheet HTML 11Page - 3M Electronics AF191 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film AF 191
Technical Datasheet
- 11 -
Storage
Storage Stability – Storage at 0°F (-18°C) or below is recommended for Scotch-Weld
AF 191 Film to obtain maximum storage life.
Cure Cycle
A cure of 60 minutes at 350°F and 45 ± 5 psi positive pressure is suggested when
maximum performance is desired.
Cure Cycle (Autoclave or Platen Press)
The following cure cycle has been used to obtain dense glue lines.
Cure Cycle (Autoclave, Vacuum Bag, or Platen Press)
1. Apply vacuum or pressure to keep assembled parts in place.
2. If using autoclave: Apply positive pressure slowly until 14 psi positive pressure is
applied. Once reached, dump vacuum bag.
3. If using vacuum bag only, limit vacuum to
5-10 inches of mercury. This is necessary
Recommended
to prevent frothing in the bondline.
Cure Cycle
4. Increase bondline temperature rise rate.
4-5°F/min.
5. Increase bonding pressure.
45 ± 5 psi
6. Cure.
350 ± 10°F
7. Cool.
5-10°F/min.
8. Decrease pressure when temperature is below 200°F.
3M™ Scotch-Weld™ Structural Adhesive Film AF 191 Low Temperature
Cure Data
OLS (psi) at
Bell Peel
Test Temperature
at
Cure Cycle
-67°F
72°F
250°F
300°F
350°F
75°F
1 hr, 350°F, 45 psi
4217
5285
–
3613
2833
35 piw
1 hr, 300°F, 45 psi
1767
5357
–
1133
857
55 piw
90 min., 300°F, 25 psi
2510
5480
2490
–
–
39 piw
2 hr, 300°F, 45 psi
4200
5636
–
2873
2003
50 piw
2 hr, 275°F, 45 psi
1767
5163
–
1093
613
67 piw
3 hr, 275°F, 45 psi
3533
5793
–
2243
1207
51 piw
Shelf Life
Standard shelf life of Scotch-Weld AF 191 Film at 0°F (-18°C) is 6 months from
date of shipment.
Note: Scotch-Weld AF 191 Film should be permitted to thoroughly warm to room
temperature before being used in order to prevent moisture condensation.
(Do not open protective container prior to reaching ambient conditions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com