Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF191 Datasheet(PDF) 9 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 9 Page - 3M Electronics

Back Button AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics AF191 Datasheet HTML 10Page - 3M Electronics AF191 Datasheet HTML 11Page - 3M Electronics AF191 Datasheet HTML 12Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
3MScotch-Weld
Structural Adhesive Film AF 191
Technical Datasheet
- 9 -
Surface Preparation
A thoroughly cleaned, dry, grease-free surface is essential for maximum performance.
Cleaning methods which will produce a breakfree water film on metal surfaces are
generally satisfactory.
A. Aluminum (optimized FPL etch – 3M Company Test Method C-2803 or ASTM
D 2651).
1. Alkaline Degrease – Oakite ® Aluminum Cleaner 164 (Chemetall GmbH) or
equivalent solution 9-11 oz/gallon water at 190 ± 10°F for 10-20 minutes.
Rinse immediately in large quantities of cold running water.
2. Optimized FPL Etch Solution (1 liter):
Material
Amount
Distilled Water
700 ml plus balance of liter (see below)
Sodium Dichromate
28 to 67.3 grams
Sulfuric Acid
287.9 to 310.0 grams
Aluminum Chips
1.5 grams/liter of mixed solution
To prepare 1 liter of this solution, dissolve sodium dichromate in 700 ml of
distilled water. Add sulfuric acid and mix well. Add additional distilled water
to fill to 1 liter. Heat mixed solution to 66 to 71°C (150 to 160°F). Dissolve
1.5 grams of 2024 bare aluminum chips per liter of mixed solution. Gentle
agitation will help aluminum dissolve in about 24 hours.
Place panels in FPL etch solution heated to 150-160°F (66-71°C) for 12-15
minutes.
Note: Review and follow safety and precautionary information provided by
chemical supplier prior to preparation of this etch solution.
3. Rinse – Rinse panels in clear running tap water.
4. Dry – Air dry 15 minutes; force dry 10 minutes minimum at 140°F (60°C)
maximum.
5. If primer is to be used, it should be applied within 4 hours after surface
preparation.
B. Aluminum Honeycomb Core
1. Soak in clean Aliphatic Naphtha (TT-N-95A) for five minutes at room
temperature. Dry for 10 minutes minimum at 140°F (60°C) maximum.
2. Optional – Immerse in FPL etching solutions for two (2) minutes at 155 ± 5°F.
Rinse, air dry and force dry in similar manner to skin panels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com