Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF191 Datasheet(PDF) 1 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 1 Page - 3M Electronics

  AF191 Datasheet HTML 1Page - 3M Electronics AF191 Datasheet HTML 2Page - 3M Electronics AF191 Datasheet HTML 3Page - 3M Electronics AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3
Scotch-WeldTM
Structural Adhesive Film
AF 191
Introduction
3M™ Scotch-Weld™ Structural Adhesive Film AF 191 is a thermosetting, modified
epoxy designed for bonding composites, metal to metal and metal to honeycomb
components where high strength and peel at 350°F (177°C) is required. It offers the
following advantages:
• Unique toughening system.
• High shear strength.
• Excellent elevated temperature performance.
• Extremely high peel strength.
• Excellent long-term durability.
• Excellent cryogenic performance.
• Flexible cure cycles (275-400°F).
• Unsupported versions (Scotch-Weld AF 191U Film) available for reticulation.
• Isolation version (Scotch-Weld AF 191G108 Film) available for bonding
dissimilar substrates.
• Sprayable version of Scotch-Weld AF 191 Film available (3M™ Scotch-Weld™
Structural Adhesive Primer EC-3710).
• Available with light-weight conductive screens for lightning strike/composite
surfacing applications.
Technical Datasheet
March 2009
Product Description
Product
Scotch-Weld
Scotch-Weld Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld
Scotch-Weld Scotch-Weld
AF 191K
AF 191K
AF 191M
AF 191M
AF 191M
AF 191U
AF 191U
AF 191U
Film
Film
Film
Film
Film
Film
Film
Film
Film Weight: (± .005 lb/ft2)
.100
.08
.06
.035
.030
.05
.035
.015
(± 24.4 g/m2)
488
390
293
170
146
244
170
73
Film Thickness (mils)
16
13
10
6
5
8
6
2.5
Scrim: K = Nylon Knit
M = Polyester Matte
KK
MM
M
U
U
U
U = Unsupported
Recommended Cure
Temperature:
350°F (177°C)*
Recommended Cure Time:
1 Hour*
Volatile Content:
Less than 1%
Color:
Tan
*Note: See alternate cure cycle information.


Similar Part No. - AF191

ManufacturerPart #DatasheetDescription
logo
ABB
AF190 ABB-AF190 Datasheet
61Kb / 1P
Terminal enlargements
AF190-30-11-11 ABB-AF190-30-11-11 Datasheet
52Kb / 3P
AF190-30-11-11 Contactor
AF190-30-11-13 ABB-AF190-30-11-13 Datasheet
52Kb / 3P
AF190-30-11-13 Contactor
AF190-30-11-14 ABB-AF190-30-11-14 Datasheet
52Kb / 3P
AF190-30-11-14 Contactor
logo
Alfa-MOS Technology Cor...
AF1937K ALFA-MOS-AF1937K Datasheet
348Kb / 5P
30V White LED Step UP Converter
Rev.A Oct. 2012
More results

Similar Description - AF191

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-3924B 3M-EC-3924B Datasheet
43Kb / 4P
3M Scotch-WeldTM Structural Adhesive Primer
EC-3917 3M-EC-3917 Datasheet
28Kb / 6P
3M Scotch-WeldTM Structural Adhesive Primer
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
AF126 3M-AF126 Datasheet
51Kb / 15P
Scotch-WeldTM Structural Adhesive Film
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com