Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF126 Datasheet (PDF) - 3M Electronics

AF126 Datasheet PDF - 3M Electronics
Part # AF126
Download  AF126 Download
File Size   51.25 Kbytes
Page   15 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotch-WeldTM Structural Adhesive Film

AF126 Datasheet (PDF)

Go To PDF Page Download Datasheet
AF126 Datasheet PDF - 3M Electronics

Part # AF126
Download  AF126 Click to download

File Size   51.25 Kbytes
Page   15 Pages
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics
Description Scotch-WeldTM Structural Adhesive Film

AF126 Datasheet (HTML) - 3M Electronics


AF126 Product details

Description
Scotch-Weld Scotch-Weld Scotch-Weld Scotch-Weld AF 126 AF 126 AF 126 AF 126 FR (.03 wt) (.06 wt) (.08 wt) (.06 wt) Form: Supported film adhesive with protective liner Color: Green Green Red Off White Nominal Weight: 0.030 lb/ft2 0.060 lb/ft2 0.080 lb/ft2 0.060 lb/ft2 (147 g/m2) (294 g/m2) (392 g/m2) (294 g/m2) Nominal Caliper: 0.005 in. 0.010 in. 0.015 in. 0.010 in. (0.13 mm) (0.25 mm) (0.38 mm) (0.25 mm) Volatile Content: Less than 1%

Features
■ Cure at temperatures as low as 180°F (82°C).
■ Excellent strength for honeycomb sandwich applications.
■ Scotch-Weld AF 126 is qualified to MIL-A-25463B and MMM-A-132B.
■ High degree of tack in the uncured state.
■ Scotch-Weld AF 126 FR is flame retardant Scotch-Weld AF 126.
■ Scotch-Weld AF 126 FR is self extinguishing. Technical Data September, 2002




Similar Part No. - AF126

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
AF126 SIEMENS-AF126 Datasheet
2Mb / 11P
Germanium PNP Transistor
More results


Similar Description - AF126

ManufacturerPart #DatasheetDescription
logo
3M Electronics
EC-1648 3M-EC-1648 Datasheet
20Kb / 4P
3M Scotch-WeldTM Structural Adhesive
Jun-2002
AF191 3M-AF191 Datasheet
140Kb / 12P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2009
AF163-2 3M-AF163-2 Datasheet
355Kb / 21P
3M Scotch-WeldTM Structural Adhesive Film
Nov-2009
EC-3964 3M-EC-3964 Datasheet
22Kb / 4P
Scotch-WeldTM Structural Adhesive
EC-3587 3M-EC-3587 Datasheet
21Kb / 4P
Scotch-WeldTM Structural Adhesive
AF3185 3M-AF3185 Datasheet
20Kb / 4P
Scotch-WeldTM Structural Adhesive Film
AF3109-2 3M-AF3109-2 Datasheet
54Kb / 8P
Scotch-WeldTM Structural Adhesive Film
May-2002
AF32 3M-AF32 Datasheet
36Kb / 8P
3M Scotch-WeldTM Structural Adhesive Film
AF31 3M-AF31 Datasheet
80Kb / 15P
3M Scotch-WeldTM Structural Adhesive Film
Mar-2006
AF30 3M-AF30 Datasheet
42Kb / 12P
3m Scotch-WeldTM Structural Adhesive Film
Jun-2002
More results




About 3M Electronics


3M Electronics is a division of 3M, a multinational conglomerate corporation based in St. Paul, Minnesota.

3M Electronics is focused on the design, manufacturing, and marketing of electronics and electrical products, including interconnect and electromechanical solutions, passive and active electronic components, and electronic materials and adhesives.

The company serves a wide range of industries, including aerospace and defense, automotive, consumer electronics, industrial, and medical electronics.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com