Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF126 Datasheet(PDF) 8 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 8 Page - 3M Electronics

Back Button AF126 Datasheet HTML 4Page - 3M Electronics AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics AF126 Datasheet HTML 10Page - 3M Electronics AF126 Datasheet HTML 11Page - 3M Electronics AF126 Datasheet HTML 12Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Cure Conditions
Test Temperature
Time
Temperature
Minutes
Press
Primer
-40°F
-40°C
75°C
24°C
180°C
82°C
250°F
121°C
40
25 psi
0.17 MPa
None
3257 psi
22.4 MPa
2689 psi
18.5 MPa
1663 psi
11.5 MPa
250°F
121°C
40
25 psi
0.17 MPa
EC-2320**
3257 psi
22.4 MPa
2820 psi
19.4 MPa
1890 psi
13.0 MPa
300°F
149°C
15
25 psi
0.17 MPa
None
3500 psi
24.1 MPa
3080 psi
21.2 MPa
2005 psi
13.8 MPa
300°F
149°C
12
25 psi
0.17 MPa
None
3850 psi
26.5 MPa
3320 psi
22.9 MPa
2580 psi
17.8 MPa
300°F
149°C
9
25 psi
0.17 MPa
None
3472 psi
23.9 MPa
2953 psi
20.4 MPa
1880 psi
13.0 MPa
300°F
149°C
6
25 psi
0.17 MPa
None
3650 psi
25.2 MPa
3187 psi
22.0 MPa
1960 psi
13.5 MPa
350°F
177°C
8
25 psi
0.17 MPa
None
4125 psi
28.4 MPa
3340 psi
23.0 MPa
1835 psi
12.6 MPa
350°F
177°C
6
25 psi
0.17 MPa
None
3840 psi* 26.5 MPa
3219 psi
22.2 MPa
1795 psi
12.4 MPa
350°F
177°C
4
25 psi
0.17 MPa
None
3550 psi* 24.5 MPa
3173 psi
21.9 MPa
2355 psi
16.2 MPa
350°F
177°C
2
25 psi
0.17 MPa
None
3750 psi* 25.8 MPa
3367 psi
23.2 MPa
2375 psi
13.4 MPa
400°F
204°C
3
25 psi
0.17 MPa
None
3800 psi
26.2 MPa
3120 psi
21.5 MPa
1590 psi
11.0 MPa
400°F
204°C
2
25 psi
0.17 MPa
None
3430 psi
23.6 MPa
2973 psi
20.5 MPa
1730 psi
11.9 MPa
400°F
204°C
0.5
25 psi
0.17 MPa
None
3430 psi
23.6 MPa
3123 psi
21.5 MPa
1600 psi
11.0 MPa
Adherend: Cold Rolled Steel, 0.035", solvent cleaned
Cure: All cures based on hot press entry and removal
* Metal Failure
** Primer Dry – 24 hours at 75°F (24°C)
- 8 -
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
Product Performance (continued)
Scotch-Weld AF 126 .06 wt. (294 g/m2) Overlap Shear Quick Cure Data on Steel
Tested at 75°F (24°C)
Control
Immersed
Overlap Shear after 30 days in Salt Spray
5750 psi
39.6 MPa
5320 psi*
36.7 MPa
Overlap Shear after 30 days 100% Relative Humidity
6150 psi
42.4 MPa
5430 psi*
37.4 MPa
Cure Cycle: 60 minutes @ 265°F, 50 psi, 4-5°F/minute rise (60 minutes @ 129°C, 0.35 MPa, 2.2-2.8°C/minute rise).
*Note: Values are an average of 4 immersed specimens. There was no evidence of undercutting or corrosion on any specimen.
3M™ Scotch-Weld™ Structural Adhesive Film AF 126 .06 wt. (294 g/m2)/3M™ Scotch-Weld™ Structural
Adhesive Primer EC-2320 Overlap Shear on Chromic Acid After Environmental Aging
Tested @ 75°F (24°C)
Tensile
6052 psi
41.7 MPa
Modulus of Elasticity
101,900 psi
702.1 MPa
Elongation
23.7%
Scotch-Weld AF 126 .06 wt. (294 g/m2) Tensile, Modulus of Elasticity and Elongation
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com