Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF126 Datasheet(PDF) 2 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 2 Page - 3M Electronics

  AF126 Datasheet HTML 1Page - 3M Electronics AF126 Datasheet HTML 2Page - 3M Electronics AF126 Datasheet HTML 3Page - 3M Electronics AF126 Datasheet HTML 4Page - 3M Electronics AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
- 2 -
MMM-A-132B
Type I
Class 2 & 3
Requirement
Test Condition
Min. Average
.03 wt. (147 g/m2)
.06 wt. (294 g/m2)
.08 wt. (392 g/m2)
A. Tensile Shear
psi
MPa
psi
MPa
psi
MPa
psi
MPa
1. Normal Temperature, 75°F (24°C)
3500
24.1
4630
31.9
5600
38.6
5347
36.8
2. 10 minutes at 180°F (82°C)
2000
13.8
3850
26.5
3260
22.5
3207
22.1
3. 10 minutes at -67°F (-55°C)
3500
24.1
4850
33.4
4960
34.2
5687
39.2
4. Normal Temperature, 75°F (24°C)
3250
22.4
4760
32.8
5170
35.6
5375
37.0
After 30 Days Salt Water Spray
5. Normal Temperature, 75°F (24°C)
3250
22.4
4630
31.9
4980
34.3
5243
36.1
After 30 Days @ 120°F (49°C)
and 95-100% Relative Humidity
6. Normal Temperature, 75°F (24°C)
3250
22.4
5230
36.0
5390
37.1
5240
36.1
After 30 Days Immersion in Tap
Water
7. Normal Temperature, 75°F (24°C)
3250
22.4
4710
32.5
6120
42.2
5775
39.8
After 7 Days Immersion in JP-4 Fuel
8. Normal Temperature, 75°F (24°C)
—
—
4860
33.5
6020
41.5
5552
38.3
After 7 Days Immersion in Anti-icing
Fluid
9. Normal Temperature, 75°F (24°C)
3250
22.4
5000
34.5
6280
43.3
5626
38.8
After 7 Days Immersion in Hydraulic
Oil
10. Normal Temperature, 75°F (24°C)
—
—
4820
33.2
5070
34.9
5800
40.0
After 7 Days Immersion in Type III
Hydrocarbon Fluid
Product Performance
MMM-A-132 Type I Class 2 Test Data
B. Creep Rupture
Maximum Deformation
11. Normal Temperature, 75°F (24°C)
0.015 inches
0.0000 inches
0.0000 inches
0.0000 inches
192 Hours @ 1600 psi (11.0 MPa)
12. 180°F (85°C)
0.015 inches
0.0026 inches
0.0026 inches
0.0026 inches
192 Hours @ 800 psi (5.5 MPa)
C. Fatigue
13. Normal Temperature, 75°F (24°C)
no glue line
no glue line
no glue line
no glue line
750 psi (5.2 MPa) @ 106 Cycles
failure
failure
failure
failure
D. Other Tests
14. Normal Temperature
Class 2:
15 piw
30 piw
43 piw
37 piw
75°F (24°C) T-Peel
(66.8 N/25mm)
(133 N/25mm)
(191.4 N/25mm)
(164.7 N/25mm)
Class 3:
None
None
None
None
15. Tensile Shear, 75°F
Class 2:
3250 psi
4660 psi
4620 psi
4370 psi
(24°C) Blister Detection
(22.4 MPa)
(32.1 MPa)
(31.8 MPa)
(30.1 MPa)
Class 3:
None
None
None
None
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
3M™ Scotch-Weld™ Structural Adhesive Film AF 126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com