Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF126 Datasheet(PDF) 9 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 9 Page - 3M Electronics

Back Button AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics AF126 Datasheet HTML 10Page - 3M Electronics AF126 Datasheet HTML 11Page - 3M Electronics AF126 Datasheet HTML 12Page - 3M Electronics AF126 Datasheet HTML 13Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
- 9 -
Product Performance (continued)
3M™ Scotch-Weld™ Structural Adhesive Film AF 126 .03 wt. (147 g/m2)/3M™ Scotch-Weld™ Structural
Adhesive Primer EC-2320 Overlap Shear & T-Peel (Etched Aluminum) Low Temperature Cure
Bonds Cured @ 180°F (82°C)
Test Temperature
50 psi (0.35 MPa) for:
-67°F
(-55°C)
75°F
(24°C)
180°F
(82°C)
3 hours
Shear
712 psi
4.9 MPa
278 psi
1.9 MPa
40 psi
0.3 MPa
T-Peel
2.5 piw
11.1 N/25mm
21 piw
93.5 N/25mm
4.5 piw
20.0 N/25mm
6 hours
Shear
675 psi
4.7 MPa
1985 psi
13.7 MPa
358 psi
2.5 MPa
T-Peel
3 piw
13.4 N/25mm
30 piw
133.5 N/25mm
5.5 piw
24.5 N/25mm
9 hours
Shear
4825 psi
33.2 MPa
3885 psi
26.8 MPa
2430 psi
16.7 MPa
T-Peel
14 piw
62.3 N/25mm
22 piw
97.9 N/25mm
19 piw
84.6 N/25mm
12 hours
Shear
4700 psi
32.4 MPa
3800 psi
26.2 MPa
2765 psi
19.1 MPa
T-Peel
12 piw
53.4 N/25mm
23 piw
102.3 N/25mm
20 piw
89 N/25mm
24 hours
Shear
4625 psi
31.9 MPa
3810 psi
26.3 MPa
3000 psi
20.7 MPa
T-Peel
16.5 piw
73.4 N/25mm
22.5 piw
100.1 N/25mm
18 piw
80.1 N/25mm
Scotch-Weld AF 126 .06 wt. (294 g/m2)/Scotch-Weld EC-2320 L/T Ratios
L/T Ratio
Test Temperature
Overlap Length
-67°F
-55°C
75°F
24°C
160°F
71°C
8 (0.50", 12,7 mm)
6640 psi
45.8 MPa
6225 psi
42.9 MPa
4268 psi
29.4 MPa
16 (1.00", 25.4 mm)
3964 psi
27.3 MPa
3902 psi
26.9 MPa
3448 psi
23.8 MPa
24 (1.50", 38.1 mm)
2668 psi
18.4 MPa
2666 psi
18.4 MPa
2493 psi
17.2 MPa
40 (2.50", 63.5 mm)
1695 psi
11.7 MPa
1574 psi
10.9 MPa
1545 psi
10.7 MPa
Cured for 60 minutes @ 250°F, 30 psi, 6-8°F/minute rise (60 minutes @ 121°C, 0.21 MPa, 3.3-4.4°C/minute rise).
Etched Aluminum Metal to Metal Climbing Drum Peel with Scotch-Weld EC-2320 (20 mil to 40 mil face sheets)
Test Results
Test Temperature
.03 wt.
147 g/m2
.06 wt.
294 g/m2
75°F
24°C
80 in•lbs/in
355.8 mN/m
100 in•lbs/in
444.8 mN/m
Cure – 60 minutes @ 250°F, 50 psi, 6-8°F/minute rise (60 minutes @ 121°C, 0.35 MPa, 3.3-4.4°C/minute rise).
Chromic Acid Anodized Aluminum Metal to Metal Climbing Drum Peel with Scotch-Weld EC-2320
(20 mil to 40 mil face sheets)
Test Results
Test Temperature
.03 wt.
147 g/m2
.06 wt.
294 g/m2
75°F
24°C
80 in•lbs/in
355.8 mN/m
100 in•lbs/in
444.8 mN/m
Cure – 60 minutes @ 250°F, 50 psi, 6-8°F/minute rise (60 minutes @ 121°C, 0.35 MPa, 3.3-4.4°C/minute rise).
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com