Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF126 Datasheet(PDF) 4 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 4 Page - 3M Electronics

  AF126 Datasheet HTML 1Page - 3M Electronics AF126 Datasheet HTML 2Page - 3M Electronics AF126 Datasheet HTML 3Page - 3M Electronics AF126 Datasheet HTML 4Page - 3M Electronics AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
Storage Time and
.03 wt. (147 g/m2)
.06 wt. (294 g/m2)
.08 wt. (392 g/m2)
Temperature
Test Condition
psi
MPa
psi
MPa
psi
MPa
90 days @ 0°F (-17.8°C)
75°F (24°C) shear
5010
34.5
5525
38.1
5320
36.7
180°F (82°C) shear
3245
22.4
3252
22.4
3265
22.5
75°F (24°C) shear after
4805
33.1
5412
37.3
5375
37.0
30 days immersion in
salt spray
30 days @ 40°F (4.4°C)
75°F (24°C) shear
4825
33.2
5085
35.0
5170
35.6
180°F (82°C) shear
3170
21.8
3410
23.5
3463
23.9
75°F (24°C) shear after
4775
32.9
5150
35.5
5075
35.0
30 days immersion in
salt spray
10 days @ 75°F (24°C)
75°F (24°C) shear
4770
32.9
5158
35.5
5212
35.9
180°F (82°C) shear
3355
23.1
3577
24.6
3263
22.5
75°F (24°C) shear after
4970
34.2
4990
34.4
5125
35.3
30 days immersion in
salt spray
- 4 -
Product Performance (continued)
Scotch-Weld AF 126 .06 wt. (294 g/m2) Scotch-Weld EC-2320 Overlap Shear Strength at Elevated Temperatures
Test Temperature
Overlap Shear Strength
psi
MPa
250°F
121°C
1075
7.4
300°F
149°C
510
3.5
350°F
177°C
300
2.1
400°F
204°C
285
2.0
450°F
232°C
185
1.3
500°F
260°C
125
0.9
Aluminum to Aluminum T-Peel Bonds
The following data shows typical values obtained with the Scotch-Weld AF 126/Scotch-Weld EC-2320 system.
T-Peel specimens consist of two 8" x 12" x 0.020" (203 mm x 305 mm x 0.508 mm) sheets of 2024-T3 clad
aluminum bonded to each other from which 1" (25.4 mm) wide strips are cut for testing. Jaw separation rate was
3"/minute (75 mm/minute) during testing.
Scotch-Weld AF 126/Scotch-Weld EC-2320
Test Temperature
.03 wt.
147 g/m2
.06 wt.
294 g/m2
.08 wt.
392 g/m2
-67°F
-55°C
24 piw
106.8 N/25mm
22 piw
97.9 N/25mm
28 piw
124.6 N/25mm
75°F
24°C
36 piw
160.2 N/25mm
32 piw
142.4 N/25mm
37 piw
164.6 N/25mm
180°F
82°C
22 piw
97.9 N/25mm
26 piw
115.7 N/25mm
20 piw
89 N/25mm
Note: The following technical information and data should be considered representative or
typical only and should not be used for specification purposes.
3M™ Scotch-Weld™ Structural Adhesive Film AF 126/
3M™ Scotch-Weld™ Structural Adhesive Primer EC-2320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com