Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF126 Datasheet(PDF) 3 Page - 3M Electronics

Part # AF126
Description  Scotch-WeldTM Structural Adhesive Film
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF126 Datasheet(HTML) 3 Page - 3M Electronics

  AF126 Datasheet HTML 1Page - 3M Electronics AF126 Datasheet HTML 2Page - 3M Electronics AF126 Datasheet HTML 3Page - 3M Electronics AF126 Datasheet HTML 4Page - 3M Electronics AF126 Datasheet HTML 5Page - 3M Electronics AF126 Datasheet HTML 6Page - 3M Electronics AF126 Datasheet HTML 7Page - 3M Electronics AF126 Datasheet HTML 8Page - 3M Electronics AF126 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Scotch-WeldTM
Structural Adhesive Film
AF 126 • AF 126 FR
3M™ Scotch-Weld™ Structural
Adhesive Film AF 126
MIL-A-25643B
3M™ Scotch-Weld™ Structural
Type I
Adhesive Primer EC-2320
Requirement
.08 wt. (392 g/m2)
Test Conditions
Minimum Average
Average
1. Normal Temperature Sandwich Peel Strength
12.5 in•lb/in
55.6 mN/m
40.3 in•lb/in
179.3 mN/m
2. 180°F (82°C) Sandwich Peel Strength
10.0 in•lb/in
44.5 mN/m
23.5 in•lb/in
104.5 mN/m
3. -67°F (-55°C) Sandwich Peel Strength
10.0 in•lb/in
44.5 mN/m
26.7 in•lb/in
118.8 mN/m
4. Normal Temperature Flatwise Tensile Strength
750 psi
5.2 MPa
1242 psi
8.6 MPa
5. 180°F (82°C) Flatwise Tensile Strength
400 psi
2.8 MPa
550 psi
3.8 MPa
6. -67°F (-55°C) Flatwise Tensile Strength
800 psi
5.5 MPa
1359 psi
9.4 MPa
7. Normal Temperature Flexural Strength
2100 lb
9340 N
2414 lb
10737 N
8. 180°F (82°C) (short term) Flexural Strength
1275 lb
5671 N
1448 lb
6440 N
9. -67°F (-55°C) Flexural Strength
2150 lb
9561 N
2644 lb
11760 N
10. 180°F (82°C) (long term) Flexural Strength
1500 lb
6672 N
1637 lb
7281 N
11. Normal Temperature Creep Deflection in
0.025 in max
0.635 mm max
0.0011 in max
0.0279 mm max
Flexure after 192 hours under 1000 lbs.
(4450 N) load
12. 180°F (82°C) Creep Deflection in Flexure
0.050 in max
1.27 mm max
0.0210 in max
0.5334 mm max
after 192 hours under 800 lb (3560 N) load
13. Normal Temperature Flexure Strength
1800 lb
8006 N
2485 lb
11058 N
after 30 days in 90-100% Relative Humidity
120°F (49°C)
14. Normal Temperature Flexure Strength after
—
—
2251 lb
10017 N
30 days in Salt Spray (Fed. Test Method
Std. No. 151, method 811)
15. Normal Temperature Flexure Strength after
—
—
2456 lb
10969 N
30 days Immersion in Hydrocarbon Fluid
(Spec. MIL-S-3136 Type III)
- 3 -
Product Performance
MIL-A-25463 Type I
Class 1 & 2 Test Data
Miscellaneous
Test Data
Storage Life Testing
Average results of Scotch-Weld AF 126/Scotch-Weld EC-2320 .03 wt. (147 g/m2),
.06 wt. (294 g/m2), and .08 wt. (392 g/m2) after storage at 0°F (-18°C), 40°F (4°C),
and 75°F (24°C). Results are overlap shear tests made on 1/2" (12.5 mm) lap joint
specimens of 0.064" (1.6 mm) clad 2024-T3 aluminum.
Note: The following technical information and data should be considered representative or typical only
and should not be used for specification purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com