Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF191 Datasheet(PDF) 5 Page - 3M Electronics

Part # AF191
Description  3M Scotch-WeldTM Structural Adhesive Film
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

AF191 Datasheet(HTML) 5 Page - 3M Electronics

  AF191 Datasheet HTML 1Page - 3M Electronics AF191 Datasheet HTML 2Page - 3M Electronics AF191 Datasheet HTML 3Page - 3M Electronics AF191 Datasheet HTML 4Page - 3M Electronics AF191 Datasheet HTML 5Page - 3M Electronics AF191 Datasheet HTML 6Page - 3M Electronics AF191 Datasheet HTML 7Page - 3M Electronics AF191 Datasheet HTML 8Page - 3M Electronics AF191 Datasheet HTML 9Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3M™ Scotch-Weld™
Structural Adhesive Film AF 191
Technical Datasheet
- 5 -
8. High Temperature Durability Data – Metal to Metal Overlap Shear
Bonds were made on 2024-T3 FPL etched and primed aluminum and exposed at 350°F (177°C). Overlap shear
values were obtained at 75°F (23°C) and at 350°F (177°C) as indicated below.
Overlap Shear
Scotch-Weld AF 191K Film 0.08 lb/ft2 (390 g/m2)/Scotch-Weld EC-3917 Primer
Hours of Exposure
Test Temperature
at 350°F (177°C)
75°F
(23°C)
350°F
(177°C)
Hours
psi
(MPa)
psi
(MPa)
0
5150
(35.5)
2367
(16.3)
1000
3967
(27.4)
2960
(20.4)
2500
3606
(24.9)
3046
(21.0)
6000
3050
(21.0)
3020
(20.8)
11000
2973
(20.4)
2920
(20.1)
17120
2740
(18.9)
2760
(19.0)
26000
2480
(17.1)
2470
(17.0)
34320
2015
(13.9)
2440
(16.8)
9. Prebond Humidity Resistance (relative humidity exposure before cure)
3M™ Scotch-Weld™ Structural Adhesive Film AF 191K 0.080 lb/ft2 (390 g/m2) film was exposed to 50%
relative humidity and 77°F (23°C) for the number of days specified below before bonding using 3M™
Scotch-Weld™ Structural Adhesive Primer EC-3917.
Test
Properties
Temp.
Control
2 Days
4 Days
7 Days
8 Days
10 Days
Overlap Shear
75°F
4800
4666
4666
4646
4433
4406
(SW EC-3917 Primer) (psi)
350°F
2726
2543
2646
2773
2633
2573
Floating Roller Peel
75°F
27
26
23
21
20
17
(SW EC-3917 Primer) (piw)
Honeycomb Peel
75°F
35
35
35
36
35
32
3/8" cell
(in•lb)
3"
Flatwise Tensile
75°F
1050
—
1022
1046
—
—
(psi) (3/8" cell)
300°F
406
—
438
392
—
—
Overlap Shear — 2024-T3 clad 4" x 7" x .063". FPL etched and primed with Scotch-Weld EC-3917 Primer.
Floating Roller Peel — 2024-T3 bare 3" x 8" x .063" and 3" x 10" x .025" FPL etched and primed with Scotch-Weld EC-3917 Primer.
Honeycomb Peel – 2024-T3 clad, 8" x 3" x .020" face sheet, 3/8" cell, 5056 alloy, 5/8" thick, 3 mil foil, NP, CI type.
Flatwise Tensile — 2024-T3 bare, 8" x 8" x .020" FPL etched and primed with Scotch-Weld EC-3917 Primer.
Typical Product
Performance (continued)
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
10. Prebond Open Time Data
Scotch-Weld AF 191U Film 0.035 lb/ft2 (170 g/m2) was exposed at 92 ± 2°F (33 ± 1°C) at low relative humidity
for the number of days specified below before bonding using Scotch-Weld EC-3917 Primer. For flatwise tensile
specimens, the film was reticulated after 50% of specified aging and completed aging on the core.
Test
Properties
Temp.
Control
7 Days
10 Days
psi
(MPa)
psi
(MPa)
psi
(MPa)
Wide Area Lap Shear
75°F (23°C)
3300
22.8
3413
23.5
3326
22.9
350°F (177°C)
2326
16.0
2357
16.3
2200
15.2
Flatwise Tensile
75°F (23°C)
836
5.8
811
5.6
—
—
350°F (177°C)
272
1.9
297
2.0
—
—
Wide Area Lap Shear – 2024-T3 clad. 6" x 8" x .063" panel FPL etched and primed with Scotch-Weld EC-3917 Primer.
Flatwise Tensile – 2024-T3 clad 8" x 8" x .032" panel FPL etched and primed with Scotch-Weld EC-3917 Primer.
Core – 5052 alloy, 3/8" cell, 4 mil foil, 5/8" thick, NP, CI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com