Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EIG1-R Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # ZSC31015EIG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EIG1-R Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button ZSC31015EIG1-R Datasheet HTML 28Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 29Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 30Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 31Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 32Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 33Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 34Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 35Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
© 2016 Integrated Device Technology, Inc
32
November 14, 2016
ZSC31015 Datasheet
Step 1
– Assigning Unique Identification
Assigning a unique identification number is as simple as using the commands Program Cust_ID0, Program
Cust_ID1 and Program Cust_ID2. These three 8-bit registers allow for more than 16 million unique devices.
Gain_B must be programmed to 800HEX (unity) and Gain_T must be programmed to 80HEX (unity).
Step 2
– Data Collection
The number of unique (pressure, temperature) points that calibration must be performed at depends on the user
’s
needs. The minimum is a 2-point calibration, and the maximum is a 5-point calibration. To acquire raw data from
the part, set the ZSC31015 to enter Raw Mode. This is done by issuing a Start_CM (Start Command Mode
5090HEX) command/data pair to the ZSC31015 followed by a Start_RM (Start Raw Mode 4010HEX) command/data
pair with the LSB of the upper data nibble set. Now if the Gain_B term has been set to unity (800HEX) and the
Gain_T term has also been set to unity (80HEX), then the part will be in the Raw Mode and will output raw data on
its SIG
TM pin instead of corrected bridge and temperature. Capture several of these data points with the user’s
calibration system (16 each of bridge and temperature is recommended) and average them. Store these raw
bridge and temperature settings in the database along with the known pressure and temperature.
The output format during Raw Mode is Bridge_High, Bridge_Low, Temp. Each of these is an 8-bit quantity. The
upper 2-bits of Bridge_High are zero-filled. The Temp data (8-bits only) would not be enough information for
accurate temperature calibration. Therefore the upper three bits of temperature information are not given, but
rather assumed known. Therefore effectively 11-bits of temperature information are provided in this mode.
Step 3
– Coefficient Calculations
The math to perform the coefficient calculation is very complicated and will not be discussed in detail. There is a
rough overview in section 3.6. IDT will provide software to perform the coefficient calculation. IDT can also
provide source code for the algorithms in a C code format. After the coefficients are calculated, the final step is to
write them to the EEPROM of the ZSC31015.
The number of calibration points required can be as few as two or as many as five. This depends on the precision
desired and the behavior of the resistive bridge in use.
1.
2-point calibration can be used if only a gain and offset term are needed for a bridge with no temperature
compensation for either term.
2.
3-point calibration would be used to obtain 1
st order compensation for either a Tco or Tcg term but not
both.
3.
3-point calibration could also be used to obtain 2
nd order correction for the bridge but no temperature
compensation of the bridge output.
4.
4-point calibration would be used to obtain 1
st order compensation for both Tco and Tcg.
5.
4-point calibration could also be used to obtain 1
st order compensation for Tco and a 2nd order correction
for the bridge measurement.
6.
5-point calibration would be used to obtain both 1
st order Tco correction and 1st order Tcg correction, plus
a 2
nd order correction that could be applied to one and only one of the following: 2nd order Tco, 2nd order
Tcg, or 2
nd order bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com