Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EIG1-R Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ZSC31015EIG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EIG1-R Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ZSC31015EIG1-R Datasheet HTML 12Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 13Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 14Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 15Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 16Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 17Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 18Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 19Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
© 2016 Integrated Device Technology, Inc
16
November 14, 2016
ZSC31015 Datasheet
)
Tco
T
B
_
Offset
Raw
_
BR
(
)
Tcg
T
1
(
B
_
Gain
ZB
)
ZB
SOT
25
.
1
(
ZB
BR
)]
Tco
T
SOT
(
T
B
_
Offset
Raw
_
BR
[
)
Tcg
T
1
(
B
_
Gain
BR
]
Tco
T
B
_
Offset
Raw
_
BR
[
)]
Tcg
T
SOT
(
T
1
[
B
_
Gain
BR
B
_
Gain
/
BR
Raw
_
BR
If the SOT applies to correcting the bridge reading, then the correction formula for the bridge reading is
represented as a two-step process as follows:
(1)
(2)
Where:
BR
=
Corrected Bridge reading that is output as digital or analog on the SIG
TM pin
ZB
=
Intermediate result in the calculations
BR_Raw =
Raw Bridge reading from ADC
T_Raw
=
Raw Temp reading converted from PTAT signal or external diode
Gain_B
=
Bridge Gain term
Offset_B =
Bridge Offset term
Tcg
=
Temperature Coefficient Gain
Tco
=
Temperature Coefficient Offset
T
=
(T_Raw
– T
SETL)
TSETL
=
T_Raw reading at which low calibration was performed (typically 25°C)
SOT
=
Second-Order Term
Note
For solving equation (1) the following condition must be met:
If this condition is not met, the analog Pre-Amp Gain must be set to a smaller value because a negative Offset_B
is not supported.
If the SOT applies to correcting the 2
nd order behavior of Tco, then the formula for bridge correction is as follows:
(3)
If the SOT applies to correcting the 2
nd order behavior of Tcg, then the formula for bridge correction is as follows:
(4)
The bandgap reference gives a very linear PTAT signal, so temperature correction can always simply be
accomplished with a linear gain and offset term.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com