Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSC31015EIG1-R Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # ZSC31015EIG1-R
Description  RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSC31015EIG1-R Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button ZSC31015EIG1-R Datasheet HTML 33Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 34Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 35Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 36Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 37Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 38Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 39Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 40Page - Renesas Technology Corp ZSC31015EIG1-R Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
© 2016 Integrated Device Technology, Inc
37
November 14, 2016
ZSC31015 Datasheet
3.6.
Calibration Math
3.6.1.
Correction Coefficients
All terms are calculated external to the ZSC31015 and then programmed to the EEPROM through the serial
interface.
Table 3.6
Correction Coefficients
Coefficient
Description
Gain_B
Gain term used to compensate span of Bridge reading
Offset_B
Offset term used to compensate offset of Bridge reading
Gain_T
Gain term used to compensate span of Temp reading
Offset_T
Offset term used to compensate offset of Temp reading
SOT
Second Order Term. The SOT can be applied as a second order correction term for one of the following:
-
Bridge measurement
-
Temperature coefficient of offset (Tco)
-
Temperature coefficient of gain (Tcg)
The EEPROM bits 99:98 determine what SOT applies to.
TSETL
RAW_PTAT or ExtTemp reading (upper 7-bits) at low temperature at which calibration was performed
(typically room temperature)
Tcg
Temperature correction coefficient of bridge gain term. This term has an 8-bit magnitude and a sign bit
(Tc_cfg[2].
Tco
Temperature correction coefficient of bridge offset term. This term has an 8-bit magnitude, a sign bit
(Tc_cfg[0]), and a scaling bit (Tc_cfg[1]), which can multiply its magnitude by 8.
3.6.2.
Interpretation of Binary Numbers for Correction Coefficients
BR_Raw should be interpreted as an unsigned number in the set [0, 16383] with a resolution of 1.
T_Raw should be interpreted as an unsigned number in the set [0, 16383], with a resolution of 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com